전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EUP3484S 데이터시트(HTML) 5 Page - Eutech Microelectronics Inc

부품명 EUP3484S
상세내용  3A, 24V, 340KHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  EUTECH [Eutech Microelectronics Inc]
홈페이지  http://www.eutechmicro.com
Logo 

EUP3484S 데이터시트(HTML) 5 Page - Eutech Microelectronics Inc

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 5 / 11 page
background image
EUP3484S
DS3484S
Ver1.2
May 2012
5
Typical Operating Characteristics
(See Figure1, C1 =10µF, C2=22µF
× 2, L=10µH, T
A=+25°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn