전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EUP3484S 데이터시트(PDF) 9 Page - Eutech Microelectronics Inc

부품명 EUP3484S
상세설명  3A, 24V, 340KHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUTECH [Eutech Microelectronics Inc]
홈페이지  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3484S 데이터시트(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP3484S Datasheet HTML 3Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 4Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 5Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 6Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 7Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 8Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 9Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 10Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EUP3484S
DS3484S
Ver1.2
May 2012
9
The input capacitor can be electrolytic, tantalum or
ceramic. When using electrolytic or tantalum capacitors,
a small, high quality ceramic capacitor, i.e. 0.1µF,
should be placed as close to the IC as possible. When
using ceramic capacitors, make sure that they have
enough capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The input
voltage ripple for low ESR capacitors can be estimated
by:
Where C1 is the input capacitance value.
For simplification, choose the input capacitor whose
RMS current rating greater than half of the maximum
load current.
Output Capacitor
The output capacitor (C2) is required to maintain the
DC output voltage. Ceramic, tantalum, or low ESR
electrolytic capacitors are recommended. Low ESR
capacitors are preferred to keep the output voltage
ripple low. The output voltage ripple can be estimated
by:
Where C2 is the output capacitance value and RESR is
the equivalent series resistance (ESR) value of the
output capacitor.
When using ceramic capacitors, the impedance at the
switching frequency is dominated by the capacitance
which is the main cause for the output voltage ripple.
For simplification, the output voltage ripple can be
estimated by:
When using tantalum or electrolytic capacitors, the
ESR dominates the impedance at the switching
frequency.
For simplification, the output ripple can be
approximated to:
The characteristics of the output capacitor also affect
the stability of the regulation system. The EUP3484S
can be optimized for a wide range of capacitance and
ESR values.
Compensation Components
EUP3484S employs current mode control for easy
compensation and fast transient response. The system
stability and transient response are controlled through
the COMP pin. COMP is the output of the internal
transconductance error amplifier. A series capacitor-
resistor combination sets a pole-zero combination to
govern the characteristics of the control system.
The DC gain of the voltage feedback loop is given by:
Where VFB is the feedback voltage (0.925V), AVEA is
the error amplifier voltage gain, GCS is the current
sense transconductance and RLOAD is the load resistor
value.
The system has two poles of importance. One is due to
the compensation capacitor (C3) and the output resistor
of the error amplifier, and the other is due to the output
capacitor and the load resistor. These poles are located
at:
Where GEA is the error amplifier transconductance.
The system has one zero of importance, due to the
compensation capacitor (C3) and the compensation
resistor (R3). This zero is located at:
The system may have another zero of importance, if
the output capacitor has a large capacitance and/or a
high ESR value. The zero, due to the ESR and
capacitance of the output capacitor, is located at:
In this case, a third pole set by the compensation
capacitor (C4) and the compensation resistor (R3) is
used to compensate the effect of the ESR zero on the
loop gain. This pole is located at:
The goal of compensation design is to shape the
converter transfer function to get a desired loop gain.
The system crossover frequency where the feedback
OUT
V
FB
V
EA
V
A
CS
G
LOAD
R
VDC
A
=
VEA
A
C3
EA
G
P1
f
=
LOAD
R
C2
1
P2
f
=
R3
C3
1
Z1
f
=
ESR
R
C2
2
1
ESR
f
π
=
R3
C4
2
1
P3
f
π
=
=
V IN
V OUT
1
V IN
V OUT
S
f
1
C
LOAD
I
IN
V
+
=
C2
S
f
8
1
ESR
R
IN
V
OUT
V
1
L
S
f
OUT
V
OUT
V
=
IN
V
OUT
V
1
2
C
L
2
S
f
8
OUT
V
OUT
V
ESR
R
IN
V
OUT
V
1
L
S
f
OUT
V
OUT
V
=


유사한 부품 번호 - EUP3484S

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP3484 EUTECH-EUP3484 Datasheet
162Kb / 1P
   3A, 30V, 340KHz Synchronous Step-Down Converter
EUP3484A EUTECH-EUP3484A Datasheet
821Kb / 1P
   3A, 30V, 340KHz Synchronous Step-Down Converter
More results

유사한 설명 - EUP3484S

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP3284 EUTECH-EUP3284 Datasheet
107Kb / 1P
   3A, 24V, 340KHz Synchronous Step-Down Converter
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
   2A, 24V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com