전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

5611-BSR 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 5611-BSR
부품 상세설명  Seven segment LED display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

5611-BSR 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  5611-BSR Datasheet HTML 1Page - List of Unclassifed Manufacturers 5611-BSR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part:
 5611‐BSR 
Specifications
 of Seven segment LED display 
 
 
Features:
 
 
 
 
 
 
 
 
 
Package
 dimension& Internal circuit diagram 
 
Cathode
 (A): 
Anode
 (B): 
Notes:
 
1.
 All dimensions are in millimeters (inches). 
2.
 Tolerance is 0.25(0.01) unless otherwise noted. 
3.
 Specifications are subject to change without notice. 
Digit
 height 
0.56”
 
Epoxy
 color 
Milky
 
Digit
 quantity 
One
 
Pin
 configuration 
Common
 anode 
Surface
 color 
Gray
 
Emitting
 color 
Super
 red 


유사한 부품 번호 - 5611-BSR

제조업체부품명데이터시트부품 상세설명
Bourns Electronic Solutions
Bourns Electronic Solut...
5611-RC BOURNS-5611-RC Datasheet
428Kb / 1P
   High Current Chokes
More results

유사한 설명 - 5611-BSR

제조업체부품명데이터시트부품 상세설명
LUMEX INC.
LUMEX INC.
LDS-A812RI LUMEX-LDS-A812RI Datasheet
56Kb / 1P
   0.80 SEVEN SEGMENT, LED DISPLAY
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
Lite-On Technology Corporation
Lite-On Technology Corp...
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5603AG LITEON-LTS-5603AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LUMEX INC.
LUMEX INC.
LDD-SMA3007RIUSBTR LUMEX-LDD-SMA3007RIUSBTR Datasheet
78Kb / 1P
   Seven Segment Dual Digit LED Display
Micro Electronics
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
Siemens Semiconductor Group
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com