전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4001BM96 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4001BM96
상세설명  CMOS NOR Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4001BM96 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CD4001BM96 Datasheet HTML 4Page - Texas Instruments CD4001BM96 Datasheet HTML 5Page - Texas Instruments CD4001BM96 Datasheet HTML 6Page - Texas Instruments CD4001BM96 Datasheet HTML 7Page - Texas Instruments CD4001BM96 Datasheet HTML 8Page - Texas Instruments CD4001BM96 Datasheet HTML 9Page - Texas Instruments CD4001BM96 Datasheet HTML 10Page - Texas Instruments CD4001BM96 Datasheet HTML 11Page - Texas Instruments CD4001BM96 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - CD4001BM96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4001BM96 TI-CD4001BM96 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BM96 TI1-CD4001BM96 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
CD4001BM96E4 TI-CD4001BM96E4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BM96E4 TI1-CD4001BM96E4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
CD4001BM96G4 TI-CD4001BM96G4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
More results

유사한 설명 - CD4001BM96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B_15 Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com