전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBS521 데이터시트(PDF) 3 Page - EIC discrete Semiconductors

부품명 STBS521
상세설명  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBS521 데이터시트(HTML) 3 Page - EIC discrete Semiconductors

  STBS521 Datasheet HTML 1Page - EIC discrete Semiconductors STBS521 Datasheet HTML 2Page - EIC discrete Semiconductors STBS521 Datasheet HTML 3Page - EIC discrete Semiconductors STBS521 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
It
VRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
STBS539
36.7
40.6
1.0
33.0
1.0
9.4
53.3
39.0
STBS042
40.0
48.9
1.0
36.0
1.0
7.8
64.3
46.0
STBS542
40.0
44.2
1.0
36.0
1.0
8.6
58.1
41.0
STBS047
44.4
54.3
1.0
40.0
1.0
7.0
71.4
51.0
STBS547
44.4
49.1
1.0
40.0
1.0
7.8
64.5
46.0
STBS050
47.8
58.4
1.0
43.0
1.0
6.5
76.7
55.0
STBS550
47.8
52.8
1.0
43.0
1.0
7.2
69.4
50.0
STBS053
50.0
61.1
1.0
45.0
1.0
6.2
80.3
58.0
STBS553
50.0
55.3
1.0
45.0
1.0
6.9
72.7
52.0
STBS056
53.3
65.1
1.0
48.0
1.0
5.8
85.5
63.0
STBS556
53.3
58.9
1.0
48.0
1.0
6.5
77.4
56.0
STBS060
56.7
69.3
1.0
51.0
1.0
5.5
91.1
66.0
STBS560
56.7
62.7
1.0
51.0
1.0
6.1
82.4
61.0
STBS063
60.0
73.3
1.0
54.0
1.0
5.2
96.3
71.0
STBS563
60.0
66.3
1.0
54.0
1.0
5.7
87.1
65.0
STBS068
64.4
78.7
1.0
58.0
1.0
4.9
103
78.0
STBS568
64.4
71.2
1.0
58.0
1.0
5.3
93.6
70.0
STBS071
66.7
81.5
1.0
60.0
1.0
4.7
107
80.0
STBS571
66.7
73.7
1.0
60.0
1.0
5.2
96.8
71.0
STBS075
71.1
86.9
1.0
64.0
1.0
4.4
114
86.0
STBS575
71.1
78.6
1.0
64.0
1.0
4.9
103
76.0
STBS082
77.8
95.1
1.0
70.0
1.0
4.0
125
94.0
STBS582
77.8
86.0
1.0
70.0
1.0
4.4
113
85.0
STBS088
83.3
102
1.0
75.0
1.0
3.7
134
101
STBS588
83.3
92.1
1.0
75.0
1.0
4.1
121
91.0
STBS091
86.7
106
1.0
78.0
1.0
3.6
139
105
STBS591
86.7
95.8
1.0
78.0
1.0
4.0
126
95.0
STBS099
94.4
115
1.0
85.0
1.0
3.3
151
114
STBS599
94.4
104
1.0
85.0
1.0
3.6
137
103
STBS0B1
100
122
1.0
90.0
1.0
3.1
160
121
STBS5B1
100
111
1.0
90.0
1.0
3.4
146
110
STBS0B2
111
136
1.0
100
1.0
2.8
179
135
STBS5B2
111
123
1.0
100
1.0
3.1
162
123
STBS0B3
122
149
1.0
110
1.0
2.6
196
148
STBS5B3
122
135
1.0
110
1.0
2.8
177
133
STBS0B4
133
163
1.0
120
1.0
2.3
214
162
STBS5B4
133
147
1.0
120
1.0
2
193
146
STBS0B5
144
176
1.0
130
1.0
2.2
231
175
STBS5B5
144
159
1.0
130
1.0
2.4
209
158
STBS0B8
167
204
1.0
150
1.0
1.9
268
203
STBS5B8
167
185
1.0
150
1.0
2.1
243
184
STBS0B9
178
218
1.0
160
1.0
1.7
287
217
STBS5B9
178
197
1.0
160
1.0
1.9
259
196
STBS0D0
189
231
1.0
170
1.0
1.6
304
230
STBS5D0
189
209
1.0
170
1.0
1.8
275
208
Note:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 3 ) "STU" or "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 03 : July 22, 2002


유사한 부품 번호 - STBS521

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STB-1 ETC-STB-1 Datasheet
155Kb / 1P
   DO-35 Case
STB-2 ETC-STB-2 Datasheet
155Kb / 1P
   DO-35 Case
STB-3 ETC1-STB-3 Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
STB-4 ETC-STB-4 Datasheet
155Kb / 1P
   DO-35 Case
STB-567 ETC-STB-567 Datasheet
155Kb / 1P
   DO-35 Case
More results

유사한 설명 - STBS521

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
STBB06I EIC-STBB06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBK06I EIC-STBK06I Datasheet
58Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBN06I EIC-STBN06I Datasheet
74Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
78Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com