전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29PDL310G98WSI 데이터시트(PDF) 6 Page - SPANSION

부품명 AM29PDL310G98WSI
상세설명  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL310G98WSI 데이터시트(HTML) 6 Page - SPANSION

Back Button AM29PDL310G98WSI Datasheet HTML 2Page - SPANSION AM29PDL310G98WSI Datasheet HTML 3Page - SPANSION AM29PDL310G98WSI Datasheet HTML 4Page - SPANSION AM29PDL310G98WSI Datasheet HTML 5Page - SPANSION AM29PDL310G98WSI Datasheet HTML 6Page - SPANSION AM29PDL310G98WSI Datasheet HTML 7Page - SPANSION AM29PDL310G98WSI Datasheet HTML 8Page - SPANSION AM29PDL310G98WSI Datasheet HTML 9Page - SPANSION AM29PDL310G98WSI Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
February 26, 2003
Am29PDL640G
5
P R E L I M INARY
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Note:RY/BY# is an open drain output.
Part Number
Am29PDL640G
Speed Option
V
CC, VIO = 2.7–3.1 V
63
73
83
V
CC = 2.7–3.1 V, VIO= 1.65–1.95 V
98
Max Access Time, ns (t
ACC)65
70
85
90
Max CE# Access, ns (t
CE)65
70
85
90
Max Page Access, ns (t
PACC)25
25
30
45
Max OE# Access, ns (t
OE)25
25
30
45
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
RESET#
RY/BY# (See Note)
STB
STB
A21–A3
A2–A0
CE#
WE#
DQ15–DQ0
VIO
OE#
Data Latch


유사한 부품 번호 - AM29PDL310G98WSI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDL127H53 SPANSION-AM29PDL127H53 Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H53VKI SPANSION-AM29PDL127H53VKI Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL127H53VKI AMD-AM29PDL127H53VKI Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
More results

유사한 설명 - AM29PDL310G98WSI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL-J SPANSION-S29PL-J Datasheet
1Mb / 96P
   CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL128G SPANSION-AM29PDL128G Datasheet
1Mb / 69P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com