전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL320GT70WDI 데이터시트(PDF) 6 Page - SPANSION

부품명 AM29DL320GT70WDI
상세설명  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320GT70WDI 데이터시트(HTML) 6 Page - SPANSION

Back Button AM29DL320GT70WDI Datasheet HTML 2Page - SPANSION AM29DL320GT70WDI Datasheet HTML 3Page - SPANSION AM29DL320GT70WDI Datasheet HTML 4Page - SPANSION AM29DL320GT70WDI Datasheet HTML 5Page - SPANSION AM29DL320GT70WDI Datasheet HTML 6Page - SPANSION AM29DL320GT70WDI Datasheet HTML 7Page - SPANSION AM29DL320GT70WDI Datasheet HTML 8Page - SPANSION AM29DL320GT70WDI Datasheet HTML 9Page - SPANSION AM29DL320GT70WDI Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
4
Am29DL320G
September 27, 2004
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Part Number
Am29DL320G
Speed Rating
Standard Voltage Range: VCC = 2.7–3.6 V
70
90
120
Max Access Time (ns)
70
90
120
CE# Access (ns)
70
90
120
OE# Access (ns)
30
40
50
VCC
VSS
Bank 1 Address
Bank 2 Address
A20–A0
RESET#
WE#
CE#
BYTE#
DQ15–DQ0
WP#/ACC
STATE
CONTROL
&
COMMAND
REGISTER
RY/BY#
Bank 1
X-Decoder
OE#
BYTE#
DQ15–DQ0
Status
Control
A20–A0
A20–A0
Mux
Mux
Mux
Bank 2
X-Decoder
Bank 3
X-Decoder
Bank 4
X-Decoder
Bank 3 Address
Bank 4 Address


유사한 부품 번호 - AM29DL320GT70WDI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29DL320GT70WDI AMD-AM29DL320GT70WDI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL320GT70WDIN AMD-AM29DL320GT70WDIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

유사한 설명 - AM29DL320GT70WDI

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
   Not for New Designs: Contact the factory for lead times (part is still available for purchase).
logo
Texas Instruments
NE555 TI-NE555 Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com