전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4245 데이터시트(PDF) 6 Page - Cirrus Logic

부품명 CS4245
상세설명  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 데이터시트(HTML) 6 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 2Page - Cirrus Logic CS4245 Datasheet HTML 3Page - Cirrus Logic CS4245 Datasheet HTML 4Page - Cirrus Logic CS4245 Datasheet HTML 5Page - Cirrus Logic CS4245 Datasheet HTML 6Page - Cirrus Logic CS4245 Datasheet HTML 7Page - Cirrus Logic CS4245 Datasheet HTML 8Page - Cirrus Logic CS4245 Datasheet HTML 9Page - Cirrus Logic CS4245 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
CS4245
6
AIN2A
AIN2B
9,
10
Stereo Analog Input 2 (
Input) - The full scale level is specified in the ADC Analog Characteristics
specification table.
AIN1A
AIN1B
11,
12
Stereo Analog Input 1 (
Input) - The full scale level is specified in the ADC Analog Characteristics
specification table.
AGND
13
Analog Ground (
Input) - Ground reference for the internal analog section.
VA
14
Analog Power
(Input) - Positive power for the internal analog section.
AFILTA
15
Antialias Filter Connection (
Output) - Antialias filter connection for the channel A ADC input.
AFILTB
16
Antialias Filter Connection (
Output) - Antialias filter connection for the channel B ADC input.
VQ1
17
Quiescent Voltage 1 (
Output) - Filter connection for the internal quiescent reference voltage.
VQ2
18
Quiescent Voltage 2 (
Output) - Filter connection for the internal quiescent reference voltage.
FILT1+
19
Positive Voltage Reference 1 (
Output) - Positive reference voltage for the internal sampling circuits.
FILT2+
20
Positive Voltage Reference 2 (
Output) - Positive reference voltage for the internal sampling circuits.
AIN4A/MICIN1
AIN4B/MICIN2
21,
22
Stereo Analog Input 4 / Microphone Input 1 & 2 (
Input) - The full scale level is specified in the ADC
Analog Characteristics specification table.
AIN5A
AIN5B
23,
24
Stereo Analog Input 5 (
Input) - The full scale level is specified in the ADC Analog Characteristics
specification table.
MICBIAS
25
Microphone Bias Supply (
Output) - Low noise bias supply for external microphone. Electrical charac-
teristics are specified in the DC Electrical Characteristics specification table.
AIN6A
AIN6B
26,
27
Stereo Analog Input 6 (
Input) - The full scale level is specified in the ADC Analog Characteristics
specification table.
AUXOUTA
AUXOUTB
28,
29
Auxiliary Analog Audio Output (
Output) - Analog output from either the DAC, the PGA block, or high
impedance. See “Auxiliary Output Source Select (Bits 6:5)” on page 43.
VA
30
Analog Power
(Input) - Positive power for the internal analog section.
AGND
31,
32
Analog Ground (
Input) - Ground reference for the internal analog section.
AOUTA
AOUTB
33,
34
DAC Analog Audio Output (
Output) - The full scale output level is specified in the DAC Analog Char-
acteristics specification table.
MUTEC
35
Mute Control
(Output) - This pin is active during power-up initialization, reset, muting, when master
clock to left/right clock frequency ratio is incorrect, or power-down.
VLS
36
Serial Audio Interface Power (
Input) - Determines the required signal level for the serial audio inter-
face. Refer to the Recommended Operating Conditions for appropriate voltages.
SDIN
37
Serial Audio Data Input (
Input) - Input for two’s complement serial audio data.
SCLK2
38
Serial Port 2 Serial Bit Clock
(Input/Output) - Serial bit clock for serial audio interface 2.
LRCK2
39
Serial Port 2 Left Right Clock
(Input/Output) - Determines which channel, Left or Right, is currently
active on the serial audio input data line.
MCLK2
40
Master Clock 2 (
Input/Output) -Optional asynchronous clock source for the DAC’s delta-sigma modu-
lators.
SDOUT
41
Serial Audio Data Output (
Output) - Output for two’s complement serial audio data.
SCLK1
42
Serial Port 1 Serial Bit Clock
(Input/Output) - Serial bit clock for serial audio interface 1.
LRCK1
43
Serial Port 1 Left Right Clock
(Input/Output) - Determines which channel, Left or Right, is currently
active on the serial audio output data line.


유사한 부품 번호 - CS4245

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-CQZR CIRRUS-CS4245-CQZR Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-DQZ CIRRUS-CS4245-DQZ Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-DQZR CIRRUS-CS4245-DQZR Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

유사한 설명 - CS4245

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com