전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP2410 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP2410
상세설명  Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP2410 데이터시트(HTML) 4 Page - International Rectifier

  IRFP2410 Datasheet HTML 1Page - International Rectifier IRFP2410 Datasheet HTML 2Page - International Rectifier IRFP2410 Datasheet HTML 3Page - International Rectifier IRFP2410 Datasheet HTML 4Page - International Rectifier IRFP2410 Datasheet HTML 5Page - International Rectifier IRFP2410 Datasheet HTML 6Page - International Rectifier IRFP2410 Datasheet HTML 7Page - International Rectifier IRFP2410 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP2410
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
2000
4000
6000
8000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
40
80
120
160
200
Q , Total Gate Charge (nC)
G
V
= 80V
V
= 50V
V
= 20V
DS
DS
DS
A
FOR TEST CIRCUIT
SEE FIGURE 13
I
= 37A
D
10
100
1000
0.0
1.0
2.0
3.0
4.0
5.0
6.0
T = 25°C
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
1000
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J
100µs
10µs


유사한 부품 번호 - IRFP2410

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP241R ISC-IRFP241R Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP2410

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
   Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Lumileds Lighting Compa...
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
logo
Integrated Device Techn...
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com