전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP2410 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP2410
상세설명  Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP2410 데이터시트(HTML) 5 Page - International Rectifier

  IRFP2410 Datasheet HTML 1Page - International Rectifier IRFP2410 Datasheet HTML 2Page - International Rectifier IRFP2410 Datasheet HTML 3Page - International Rectifier IRFP2410 Datasheet HTML 4Page - International Rectifier IRFP2410 Datasheet HTML 5Page - International Rectifier IRFP2410 Datasheet HTML 6Page - International Rectifier IRFP2410 Datasheet HTML 7Page - International Rectifier IRFP2410 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFP2410
Fig 10a. Switching Time Test Circuit
VDS
10 V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10b. Switching Time Waveforms
RD
VGS
VDD
RG
D.U.T.
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
A
P
t
2
1
t
D M
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
0
10
20
30
40
50
60
70
25
50
75
100
125
150
175
C
T , Case Temperature (°C)
A


유사한 부품 번호 - IRFP2410

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP241R ISC-IRFP241R Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP2410

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
   Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Lumileds Lighting Compa...
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
logo
Integrated Device Techn...
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com