전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5381BST-5 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5381BST-5
상세설명  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5381BST-5 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5381BST-5 Datasheet HTML 7Page - Analog Devices AD5381BST-5 Datasheet HTML 8Page - Analog Devices AD5381BST-5 Datasheet HTML 9Page - Analog Devices AD5381BST-5 Datasheet HTML 10Page - Analog Devices AD5381BST-5 Datasheet HTML 11Page - Analog Devices AD5381BST-5 Datasheet HTML 12Page - Analog Devices AD5381BST-5 Datasheet HTML 13Page - Analog Devices AD5381BST-5 Datasheet HTML 14Page - Analog Devices AD5381BST-5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD5381
Rev. A | Page 11 of 36
PARALLEL INTERFACE TIMING
Table 8. DVDD = 2.7 V to 5.5 V; AVDD = 4.5 V to 5.5 V or 2.7 V to 3.6 V; AGND = DGND = 0 V; all specifications
TMIN to TMAX, unless otherwise noted
Parameter1,2,3
Limit at TMIN, TMAX
Unit
Description
t0
4.5
ns min
REG0, REG1, address to WR rising edge setup time
t1
4.5
ns min
REG0, REG1, address to WR rising edge hold time
t2
20
ns min
CS pulse width low
t3
20
ns min
WR pulse width low
t4
0
ns min
CS to WR falling edge setup time
t5
0
ns min
WR to CS rising edge hold time
t6
4.5
ns min
Data to WR rising edge setup time
t7
4.5
ns min
Data to WR rising edge hold time
t8
20
ns min
WR pulse width high
t94
700
ns min
Minimum WR cycle time (single-channel write)
t104
30
ns max
WR rising edge to BUSY falling edge
t114, 5
670
ns max
BUSY pulse width low (single-channel update)
t12
30
ns min
WR rising edge to LDAC falling edge
t13
20
ns min
LDAC pulse width low
t14
100
ns max
BUSY rising edge to DAC output response time
t15
20
ns min
LDAC rising edge to WR rising edge
t16
0
ns min
BUSY rising edge to LDAC falling edge
t17
100
ns min
LDAC falling edge to DAC output response time
t18
8
µs typ
DAC output settling time, boost mode off
t19
20
ns min
CLR pulse width low
t20
12
µsmax
CLR pulse activation time
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tR = tR = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.2 V.
3 See
.
Figure 7
4 See
.
Figure 29
5 Measured with the load circuit of
.
Figure 2


유사한 부품 번호 - AD5381BST-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5381BST-5 AD-AD5381BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381BST-5 AD-AD5381BST-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

유사한 설명 - AD5381BST-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com