전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93C66BXTISN 데이터시트(PDF) 2 Page - Microchip Technology

부품명 93C66BXTISN
상세설명  4K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66BXTISN 데이터시트(HTML) 2 Page - Microchip Technology

  93C66BXTISN Datasheet HTML 1Page - Microchip Technology 93C66BXTISN Datasheet HTML 2Page - Microchip Technology 93C66BXTISN Datasheet HTML 3Page - Microchip Technology 93C66BXTISN Datasheet HTML 4Page - Microchip Technology 93C66BXTISN Datasheet HTML 5Page - Microchip Technology 93C66BXTISN Datasheet HTML 6Page - Microchip Technology 93C66BXTISN Datasheet HTML 7Page - Microchip Technology 93C66BXTISN Datasheet HTML 8Page - Microchip Technology 93C66BXTISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795B-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 1-1:
DC CHARACTERISTICS
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
All parameters apply over the specified
ranges unless otherwise noted.
VCC = range by device (see Table on Page 1)
Industrial (I):
TA = -40°C to +85°C
Automotive (E):
TA = -40°C to +125°C
Param.
No.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
D1
VIH1
VIH2
High-level input voltage
2.0
0.7 VCC
VCC +1
VCC +1
V
V
VCC
≥ 2.7V
VCC < 2.7V
D2
VIL1
VIL2
Low-level input voltage
-0.3
-0.3
0.8
0.2 VCC
V
V
VCC
≥ 2.7V
VCC < 2.7V
D3
VOL1
VOL2
Low-level output voltage
0.4
0.2
V
V
IOL = 2.1 mA, VCC = 4.5V
IOL = 100
µA, VCC = 2.5V
D4
VOH1
VOH2
High-level output voltage
2.4
VCC - 0.2
V
V
IOH = -400
µA, VCC = 4.5V
IOH = -100
µA, VCC = 2.5V
D5
ILI
Input leakage current
±1
µAVIN = VSS to VCC
D6
ILO
Output leakage current
±1
µAVOUT = VSS to VCC
D7
CIN,
COUT
Pin capacitance (all inputs/
outputs)
——
7
pF
VIN/VOUT = 0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D8
ICC write Write current
500
2
mA
µA
FCLK = 3 MHz, Vcc = 5.5V
FCLK = 2 MHz, Vcc = 2.5V
D9
ICC read
Read current
100
1
500
mA
µA
µA
FCLK = 3 MHz, VCC = 5.5V
FCLK = 2 MHz, VCC = 3.0V
FCLK = 2 MHz, VCC = 2.5V
D10
ICCS
Standby current
1
5
µA
µA
I – Temp
E – Temp
CLK = Cs = 0V
ORG = DI = VSS or VCC
(Note 2) (Note 3)
D11
VPOR
VCC voltage detect
93AA66A/B/C, 93LC66A/B/C
93C66A/B/C
1.5V
3.8V
V
V
(Note 1)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
ORG pin not available on ‘A’ or ‘B’ versions.
3:
READY/BUSY status must be cleared from DO, see Section 3.4 "Data Out (DO)".


유사한 부품 번호 - 93C66BXTISN

제조업체부품명데이터시트상세설명
logo
Microchip Technology
93C66B MICROCHIP-93C66B Datasheet
253Kb / 12P
   4K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
93C66B MICROCHIP-93C66B Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93C66B MICROCHIP-93C66B Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93C66B-E/CH MICROCHIP-93C66B-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66B-E/MC MICROCHIP-93C66B-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

유사한 설명 - 93C66BXTISN

제조업체부품명데이터시트상세설명
logo
Microchip Technology
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1998 - 2000
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com