전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP110 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP110
상세설명  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CDCLVP110 Datasheet HTML 2Page - Texas Instruments CDCLVP110 Datasheet HTML 3Page - Texas Instruments CDCLVP110 Datasheet HTML 4Page - Texas Instruments CDCLVP110 Datasheet HTML 5Page - Texas Instruments CDCLVP110 Datasheet HTML 6Page - Texas Instruments CDCLVP110 Datasheet HTML 7Page - Texas Instruments CDCLVP110 Datasheet HTML 8Page - Texas Instruments CDCLVP110 Datasheet HTML 9Page - Texas Instruments CDCLVP110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
o
o
o
o
o
CLKn
Q0
Q1
Q2
Q9
CLKn
Q0
Q1
Q2
Q9
tPLH2
tPLH2
tPLH1
tPLH1
tPLH0
tPLH0
tPLH9
tPLH9
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
HSTL INPUT (continued)
Vsupply: V
CC = 2.375 V to 3.8 V, VEE = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Functional up to 3.5 GHz, timing
-40
°C,
f(max)
Maximum frequency
specifications apply at 1 GHz, See
25
°C,
3500
MHz
Figure 4
85
°C
-40
°C,
tr/tf
Output rise and fall time (20%, 80%)
25
°C,
100
200
ps
85
°C
A.
Output skew is calculated as the greater of: The difference between the fastest and the slowest tPLHn (n = 0, 1,...9) or
the difference between the fastest and the slowest tPHLn (n = 0, 1,...9).
B.
Part-to-part skew, is calculated as the greater of: The difference between the fastest and the slowest tPLHn (n = 0,
1,...9) across multiple devices or the difference between the fastest and the slowest tPHLn (n = 0, 1,...9) across
multiple devices.
Figure 1. Waveform for Calculating Both Output and Part-to-Part Skew
6


유사한 부품 번호 - CDCLVP110

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

유사한 설명 - CDCLVP110

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com