전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7050M 데이터시트(PDF) 8 Page - Allegro MicroSystems

부품명 SLA7050M
상세설명  UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7050M 데이터시트(HTML) 8 Page - Allegro MicroSystems

Back Button SLA7050M Datasheet HTML 4Page - Allegro MicroSystems SLA7050M Datasheet HTML 5Page - Allegro MicroSystems SLA7050M Datasheet HTML 6Page - Allegro MicroSystems SLA7050M Datasheet HTML 7Page - Allegro MicroSystems SLA7050M Datasheet HTML 8Page - Allegro MicroSystems SLA7050M Datasheet HTML 9Page - Allegro MicroSystems SLA7050M Datasheet HTML 10Page - Allegro MicroSystems SLA7050M Datasheet HTML 11Page - Allegro MicroSystems SLA7050M Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SLA7050M
UNIPOLAR STEPPER-MOTOR
TRANSLATOR/PWM DRIVER
8
Motor
Driver
Applications Information (cont’d)
Allowable avalanche energy
Waveforms during avalanche breakdown
given +25°C limits, which may be caused by internal
heating during normal operation.
These power MOSFET outputs feature an excellent
combination of fast switching, ruggedized device design,
low on resistance, and cost effectiveness.
Avalanche energy capability. There is a surge voltage
expected when the output MOSFET turns off, and this
voltage may exceed the MOSFET breakdown voltage
(V
(BR)DS). However, the MOSFETs are avalanche type
and as long as the energy (E
(AV)), which is imposed on the
MOSFET by the surge voltage, is less than the maximum
allowable value, it is considered to be within its safe
operating area. Note that the maximum allowable ava-
lanche energy is reduced as a function of temperature.
In application, the avalanche energy (E
(AV)) dissipated
by the MOSFET is approximated as
E
(AV) = VDS(AV) x 1/2 x ID x t
Output circuit for avalanche energy
calculations


유사한 부품 번호 - SLA7050M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
More results

유사한 설명 - SLA7050M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Allegro MicroSystems
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
   BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
logo
Texas Instruments
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com