전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-M454 데이터시트(PDF) 6 Page - Agilent(Hewlett-Packard)

부품명 HCPL-M454
상세설명  Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M454 데이터시트(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-M454 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 4. Current Transfer Ratio vs.
Temperature.
Figure 5. Logic High Output Current
vs.Temperature.
Figure 1. DC and Pulsed Transfer
Characteristics.
Figure 2. Current Transfer Ratio vs.
InputCurrent.
Figure 3. Input Current vs. Forward
Voltage.
Notes:
1. Derate linearly above 70
°C free-air
temperature at a rate of 0.8 mA/
°C.
2. Derate linearly above 70
°C free-air
temperature at a rate of 1.6mA/
°C.
3. Derate linearly above 70
°C free-air
temperature at a rate of 0.9 mA/
°C.
4. Derate linearly above 70
°C free-air
temperature at a rate of 2.0 mA/
°C.
5. CURRENT TRANSFER RATIO in
percent is defined as the ratio of
output collector current (IO), to the
forward LED input current (IF),
times 100.
6. Device considered a two-terminal
device: Pins 1 and 3 shorted together
and Pins 4, 5 and 6 shorted together.
7. Under TTL load and drive conditions:
Common mode transient immunity
in a Logic High level is the maximum
tolerable (positive) dVCM/dt on the
leading edge of the common mode
pulse, VCM, to assure that the output
will remain in a Logic High state
(i.e., VO > 2.0 V). Common mode
transient immunity in a Logic Low
level is the maximum tolerable
(negative) dVCM/dt on the trailing
edge of the common mode pulse
signal, VCM, to assure that the output
will remain in a Logic Low state (i.e.,
VO < 0.8 V).
8. Under IPM (Intelligent Power
Module) load and LED drive
conditions: Common mode transient
immunity in a Logic High level is the
maximum tolerable dVCM/dt on the
leading edge of the common mode
pulse, VCM, to assure that the output
will remain in a Logic High state
(i.e., VO > 3.0 V). Common mode
transient immunity in a Logic Low
level is the maximum tolerable
dVCM/dt on the trailing edge of the
common mode pulse signal,VCM, to
assure that the output will remain in
a Logic Low state (i.e., VO < 1.0 V).
9. The 1.9 k
Ω load represents 1 TTL
unit load of 1.6 mA and the 5.6 k
pull-up resistor.
10. The RL = 20 kΩ, CL = 100 pF load
represents an IPM (Intelligent Power
Mode) load.
11. Use of a 0.1
µF bypass capacitor
connected between pins 4 and 6 is
recommended.
12. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥4500 V
RMS for 1 second (leakage
detection current limit, Ii-e ≤ 5 µA).
13. The difference between tPLH and
tPHL, between any two HCPL-M454
parts under the same test condition.
(See Power Inverter Dead Time and
Propagation Delay Specifications
section).
0
10
20
VO – OUTPUT VOLTAGE – V
10
5
0
T = 25°C
V
= 5.0 V
A
CC
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
IF – INPUT CURRENT – mA
1.5
1.0
0.5
0.0
2 4 6 8 10 12 14 16 18
0
20 22 24 26
IF = 16 mA
VO = 0.4 V
VCC = 5.0 V
TA = 25°C
NORMALIZED
VF – FORWARD VOLTAGE – VOLTS
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25°C
A
TA – TEMPERATURE – °C
1.0
0.8
0.6
1.1
0.7
0.9
-40 -20
0
20 40
60 80 100 120
-60
IF = 16 mA
VO = 0.4 V
VCC = 5.0 V
TA = 25°C
NORMALIZED
TA – TEMPERATURE – °C
10 4
10 3
10 2
10 1
10 0
10-1
10
-2
-40 -20
0
20 40
60 80 100 120
-60
IF = 0 mA
VO = VCC = 5.0 V


유사한 부품 번호 - HCPL-M454

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
More results

유사한 설명 - HCPL-M454

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com