전자부품 데이터시트 검색엔진 |
|
CDC913DW 데이터시트(PDF) 4 Page - Texas Instruments |
|
CDC913DW 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 10 page CDC913 PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS SCAS502C – APRIL 1995 – REVISED MAY 1996 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state or power-off state, VO –0.5 V to VCC + 0.5 V . . . . . . . . Current into any output in the low state, IO 2 IOHmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DB package 0.65 W . . . . . . . . . . . . . . . . . DW package 1.7 W . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The maximum package power dissipation is calculated using a junction temperature of 150 °C and a board trace length of 750 mils. For more information, refer to the Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data Book, literature number SCBD002. recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 3.135 3.6 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VI Input voltage 0 VCC V REFCLK –12 PCICLK –6 IOH High-level output current CPUCLK –6 mA 1Yn –12 2Yn –12 REFCLK 12 PCICLK 6 IOL Low-level output current CPUCLK 6 mA 1Yn 12 2Yn 12 TA Operating free-air temperature 0 70 °C NOTE 3: Unused inputs must be held high or low to prevent them from floating. |
유사한 부품 번호 - CDC913DW |
|
유사한 설명 - CDC913DW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |