전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4385 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CS4385
상세설명  114 dB, 192kHz 8-CHANNEL D/A CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385 데이터시트(HTML) 1 Page - Cirrus Logic

  CS4385 Datasheet HTML 1Page - Cirrus Logic CS4385 Datasheet HTML 2Page - Cirrus Logic CS4385 Datasheet HTML 3Page - Cirrus Logic CS4385 Datasheet HTML 4Page - Cirrus Logic CS4385 Datasheet HTML 5Page - Cirrus Logic CS4385 Datasheet HTML 6Page - Cirrus Logic CS4385 Datasheet HTML 7Page - Cirrus Logic CS4385 Datasheet HTML 8Page - Cirrus Logic CS4385 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
CS4385
114 dB, 192 kHz 8-Channel D/A Converter
Features
Advanced Multi-bit Delta Sigma Architecture
24-Bit Conversion
Automatic Detection of Sample Rates up to
192 kHz
114 dB Dynamic Range
-100 dB THD+N
Direct Stream Digital Mode
– Non-decimating volume control
– On-chip 50 kHz filter
– Matched PCM and DSD analog output levels
Compatible with Industry-standard Time
Division Multiplexed (TDM) Serial Interface
Selectable Digital Filters
Volume Control with 1/2-dB Step Size and
Soft Ramp
Low Clock Jitter Sensitivity
+5 V Analog Supply, +2.5 V Digital Supply
Separate 1.8 to 5 V Logic Supplies for the
Control & Serial Ports
Description
The CS4385 is a complete 8-channel digital-to-analog
system. This D/A system includes digital de-emphasis,
half-dB step size volume control, ATAPI channel mixing,
selectable fast and slow digital interpolation filters fol-
lowed
by
an
oversampled,
multi-bit
delta
sigma
modulator which includes mismatch shaping technology
that eliminates distortion due to capacitor mismatch. Fol-
lowing this stage is a multi-element switched capacitor
stage and low-pass filter with differential analog outputs.
The CS4385 also has a proprietary DSD processor
which allows for volume control and 50 kHz on-chip filter-
ing without an intermediate decimation stage. It also
offers an optional path for direct DSD conversion by di-
rectly using the multi-element switched capacitor array.
The CS4385 accepts PCM data at sample rates from
4 kHz to 216 kHz, DSD audio data, and delivers excel-
lent sound quality. These features are ideal for multi-
channel audio systems including SACD players, A/V re-
ceivers,
digital
TV’s,
mixing
consoles,
effects
processors, sound cards and automotive audio systems.
ORDERING INFORMATION
CS4385-CQZ
-10 to 70
°C 48-pin LQFP, Lead-Free
CS4385-DQZ
-40 to 85
°C 48-pin LQFP, Lead-Free
CDB4385
Evaluation Board
I
C o ntrol Port Supp ly = 1.8 V to 5 V
Re giste r/H ardwa re
C onfigura tion
Inte rnal Voltage
Reference
Reset
TD M Serial
A u dio In pu t
Digital S up p ly = 2.5 V
H ard w are Mod e o r
I2C/SP I S oftw are Mod e
Con tro l Data
A n alog S upply = 5 V
E ight C h annels
o f Differen tial
Outpu ts
8
8
PC M Serial
A udio Input
Volume
C ontrols
Digita l
Filte rs
Switch-C a p
DAC and
A na log F ilte rs
Multi-bit
∆Σ
Modula tors
DSD A u dio
In pu t
DSD Processor
-Volume control
-50 kHz filter
E xterna l Mute
Control
Mute Signals
2
8
Serial A u dio Po rt
Su p ply = 1.8 V to 5 V
OCT ‘04
DS671A1


유사한 부품 번호 - CS4385

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4385 CIRRUS-CS4385 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385-CQZ CIRRUS-CS4385-CQZ Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385-CQZR CIRRUS-CS4385-CQZR Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385-DQZ CIRRUS-CS4385-DQZ Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385-DQZR CIRRUS-CS4385-DQZR Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

유사한 설명 - CS4385

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56