전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC880ZP66 데이터시트(PDF) 8 Page - Freescale Semiconductor, Inc

부품명 KMPC880ZP66
상세설명  Hardware Specifications
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC880ZP66 데이터시트(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button KMPC880ZP66 Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC880ZP66 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
8
Freescale Semiconductor
Features
The MPC880 block diagram is shown in Figure 2.
Figure 2. MPC880 Block Diagram
Bus
System Interface Unit (SIU)
Embedded
Parallel I/O
Memory Controller
4
Timers
Interrupt
Controllers
8-Kbyte
Dual-Port RAM
System Functions
8-Kbyte
Instruction Cache
32-Entry ITLB
Instruction MMU
8-Kbyte
Data Cache
32-Entry DTLB
Data MMU
Instruction
Bus
Load/Store
Bus
Unified
4 Baud Rate
Generators
Parallel Interface Port
Internal
Bus Interface
Unit
External
Bus Interface
Unit
Timers
32-Bit RISC Controller
and Program
ROM
Serial Interface
I2C
SPI
SMC2
SMC1
MPC8xx
Processor
Core
SCC3
Serial Interface
PCMCIA-ATA Interface
Virtual IDMA
and
Serial DMAs
SCC4/
DMAs
FIFOs
10/100
MIII/RMII
BaseT
Media Access
Control
Fast Ethernet
Controller
UTOPIA
USB
Slave/Master IF
Time Slot Assigner
DMAs


유사한 부품 번호 - KMPC880ZP66

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC880ZP66 FREESCALE-KMPC880ZP66 Datasheet
1Mb / 92P
   Hardware Specifications
logo
NXP Semiconductors
KMPC880ZP66 NXP-KMPC880ZP66 Datasheet
1Mb / 87P
   MPC885/MPC880 PowerQUICC Hardware Specifications
Rev. 7, 07/2010
More results

유사한 설명 - KMPC880ZP66

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com