전자부품 데이터시트 검색엔진 |
|
SN74AUP1G126YEPR 데이터시트(PDF) 8 Page - Texas Instruments |
|
SN74AUP1G126YEPR 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 17 page SN74AUP1G126 LOW POWER SINGLE BUS BUFFER GATE WITH 3STATE OUTPUT SCES596D – JULY 2004 – REVISED JUNE 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figures 3 and 4) PARAMETER FROM (INPUT) TO (OUTPUT) VCC TA = 25°C TA = −40°C TO 85 °C UNIT PARAMETER (INPUT) (OUTPUT) VCC MIN TYP MAX MIN MAX UNIT 0.8 V 22.5 1.2 V ± 0.1 V 5.8 9.3 15.1 4.3 17.9 tpd A or B Y 1.5 V ± 0.1 V 4.4 6.6 10.2 3 12.1 ns tpd A or B Y 1.8 V ± 0.15 V 3.5 5.3 8.3 2.3 9.9 ns 2.5 V ± 0.2 V 2.7 3.9 5.8 1.9 7 3.3 V ± 0.3 V 2.4 3.2 4.7 1.8 5.7 0.8 V 25.2 1.2 V ± 0.1 V 7 11.3 18.1 5.4 21.4 ten OE Y 1.5 V ± 0.1 V 5.5 8.1 12.2 4.1 14.5 ns ten OE Y 1.8 V ± 0.15 V 4.3 6.5 10.1 3.3 12 ns 2.5 V ± 0.2 V 3.4 4.8 7.1 2.6 8.4 3.3 V ± 0.3 V 2.9 4.1 5.9 2.3 6.9 0.8 V 14 1.2 V ± 0.1 V 3.7 5.8 8.2 3.3 11 tdis OE Y 1.5 V ± 0.1 V 5.5 3.9 5.9 2.1 8 ns tdis OE Y 1.8 V ± 0.15 V 3.3 4.5 6.6 2.9 7.4 ns 2.5 V ± 0.2 V 2.3 3.2 4.3 1.8 5.1 3.3 V ± 0.3 V 2.4 4.8 6.2 3.1 6.7 |
유사한 부품 번호 - SN74AUP1G126YEPR |
|
유사한 설명 - SN74AUP1G126YEPR |