전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G126DBVR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G126DBVR
상세설명  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATS OUTPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G126DBVR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G126DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 9Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 10Page - Texas Instruments SN74AUP1G126DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN74AUP1G126
LOW POWER SINGLE BUS BUFFER GATE
WITH 3STATE OUTPUT
SCES596D – JULY 2004 – REVISED JUNE 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
20.5
1.2 V
± 0.1 V
4.6
8.4
13.7
3.6
16.6
tpd
A or B
Y
1.5 V
± 0.1 V
3.5
5.9
9.3
2.4
11.1
ns
tpd
A or B
Y
1.8 V
± 0.15 V
3.9
4.7
7.5
1.3
9.1
ns
2.5 V
± 0.2 V
2.3
3.4
5.3
1.6
6.4
3.3 V
± 0.3 V
2.1
2.8
4.3
1.4
5.2
0.8 V
21.8
1.2 V
± 0.1 V
4.9
10.2
16.8
4.4
20.2
ten
OE
Y
1.5 V
± 0.1 V
3.9
7.3
11.2
3.3
13.5
ns
ten
OE
Y
1.8 V
± 0.15 V
3.4
5.8
9.2
2.7
11
ns
2.5 V
± 0.2 V
2.5
4.3
6.4
2.1
7.8
3.3 V
± 0.3 V
2.1
3.7
5.4
1.9
6.4
0.8 V
13
1.2 V
± 0.1 V
3.8
6.6
11.7
1.2
14
tdis
OE
Y
1.5 V
± 0.1 V
2.2
4.7
7.9
1.3
9.3
ns
tdis
OE
Y
1.8 V
± 0.15 V
2.4
4.4
6.4
2.2
7.5
ns
2.5 V
± 0.2 V
1.3
3.1
4.9
1.2
5.4
3.3 V
± 0.3 V
1.9
3.4
5
1.9
5.6


유사한 부품 번호 - SN74AUP1G126DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G126DBVR TI-SN74AUP1G126DBVR Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126DBVR TI1-SN74AUP1G126DBVR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126DBVR TI1-SN74AUP1G126DBVR Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126DBVR TI1-SN74AUP1G126DBVR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With Tri-State Output
logo
Guangdong Youtai Semico...
SN74AUP1G126DBVR UMW-SN74AUP1G126DBVR Datasheet
587Kb / 10P
   Designed for 0.8V to 3.6V VCC Operation
More results

유사한 설명 - SN74AUP1G126DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com