전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM6588F 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 DM6588F
상세설명  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

DM6588F 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM6588F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6588F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
7
Version: DM562P-DS-P02
February 28, 2001
81-88
81-88
CA15 - CA8
O
Controller Address Bus
90-93,95-98
90-93,95-98
CA7 - CA0
O
Controller Address Bus
99-106
99-106
D7 - D0
I/O
Controller Data Bus
108
108
FR_SP2
I/O
Frame Signal Of Serial Port 2
109
109
FR_SP1
I/O
Frame Signal Of Serial Port 1
110
110
/POR
O
DSP Reset Output
111
112
111
112
VOICE Se1 1
VOICE Se1 2
O
Modem Control Output
Memory map is bit 1-2 of DAA at memory address
D000H
114
114
CODEC_CLK
O
20.16MHz Clock Output For DM6580 Chip
115
115
OSCO
O
Optional Codec X’tal clock output
116
116
OSCI
O
Optional Codec X’tal clock input
119
119
TD_SP2
O
Data Output Pin Of Serial Port 2
The serial data is clocked out through this pin
according to the rising edge of SCLK. The MSB is
sent immediately after the falling edge of the
FR_SP2 signal.
120
120
PS1
O
Modem Control Port Select Output:
Memory address mapping of the controller is
D800H.
122
122
EXT/INTB
I
Select Pin: Used to select internal or external
operation.
0: internal modem
1: external modem
7,14~17,26,
27,38~41,44,
53~56,64,65,
75,121,
124~127
NC
N
External only
PCI Interface ( pci internal only )
Pin No.
Pin Name
I/O
Description
78
POWEROFF
O
Power Off when high
121
INT#
O
PCI Interrupt Request
This signal will be asserted low when an interrupt condition as defined
in CR5 is set and the corresponding mask bit in CR7 is not set.
79
PCLK
I
PCI System Clock
This signal is the PCI bus clock that provides timing for all bus phases.
The frequency is 33MHz.
75
PME#
O
Power Management Event
The signal indicates that a power management event.
124~127,2~5
9~12,14~17
29~32,38~41
51~56,64,65
AD31~AD0
I/O
PCI Address & Data Bus
These are the multiplexed address and data signals.
DM6588 will decode each address on the bus and respond if it is the
target being addressed.
7IDSEL
I
Initialization Device Select


유사한 부품 번호 - DM6588F

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM6588F DAVICOM-DM6588F Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
More results

유사한 설명 - DM6588F

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
logo
List of Unclassifed Man...
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com