전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD22284-A 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD22284-A
상세설명  Dual-Axis, High-g, MEMS Accelerometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD22284-A 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD22284-A Datasheet HTML 3Page - Analog Devices AD22284-A Datasheet HTML 4Page - Analog Devices AD22284-A Datasheet HTML 5Page - Analog Devices AD22284-A Datasheet HTML 6Page - Analog Devices AD22284-A Datasheet HTML 7Page - Analog Devices AD22284-A Datasheet HTML 8Page - Analog Devices AD22284-A Datasheet HTML 9Page - Analog Devices AD22284-A Datasheet HTML 10Page - Analog Devices AD22284-A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXL278
Rev. A | Page 7 of 12
THEORY OF OPERATION
The ADXL278 provides a fully differential sensor structure and
circuit path, resulting in the industry’s highest resistance to
EMI/RFI effects. This latest generation uses electrical feedback
with zero-force feedback for improved accuracy and stability.
The sensor resonant frequency is significantly higher than the
signal bandwidth set by the on-chip filter, avoiding the signal
analysis problems caused by resonant peaks near the signal
bandwidth.
Figure 5 is a simplified view of one of the differential sensor
elements. Each sensor includes several differential capacitor
unit cells. Each cell is composed of fixed plates attached
to the substrate and movable plates attached to the frame.
Displacement of the frame changes the differential capacitance,
which is measured by the on-chip circuitry.
Complementary 200 kHz square waves drive the fixed plates.
Electrical feedback adjusts the amplitudes of the square waves
such that the ac signal on the moving plates is 0. The feedback
signal is linearly proportional to the applied acceleration. This
unique feedback technique ensures that there is no net
electrostatic force applied to the sensor. The differential
feedback control signal is also applied to the input of the filter,
where it is filtered and converted to a single-ended signal.
UNIT
SENSING
CELL
MOVABLE
FRAME
FIXED
PLATES
UNIT
FORCING
CELL
ANCHOR
MOVING
PLATE
PLATE
CAPACITORS
ANCHOR
Figure 5. Simplified View of Sensor Under Acceleration


유사한 부품 번호 - AD22284-A

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD22280 AD-AD22280 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
AD22280 AD-AD22280 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22280-R2 AD-AD22280-R2 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
AD22280-R2 AD-AD22280-R2 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22281 AD-AD22281 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
More results

유사한 설명 - AD22284-A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL204 AD-ADXL204 Datasheet
569Kb / 12P
   Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
REV. A
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
   Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
logo
Willow Technologies Ltd
CXL10GP3 WILLOW-CXL10GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1 WILLOW-CXL25GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com