전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT50A03 데이터시트(PDF) 1 Page - Dongguan Xinkang Electronic Technology Co., Ltd.

부품명 QT50A03
상세설명  10/100/1000Base-T DUAL Port Transformer Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TNK [Dongguan Xinkang Electronic Technology Co., Ltd.]
홈페이지  http://www.tnk.net.cn/
Logo TNK - Dongguan Xinkang Electronic Technology Co., Ltd.

QT50A03 데이터시트(HTML) 1 Page - Dongguan Xinkang Electronic Technology Co., Ltd.

  QT50A03 Datasheet HTML 1Page - Dongguan Xinkang Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/100/1000Base-T DUAL Port Transformer
Module
东莞市讯康电子科技股份有限公司
地址:广东省东莞市塘厦镇林村里牙塘工业区 145 号
TEL:(86)769-87923451
FAX:(86)769-87923450
WEBSITE:http://www.tnk.net.cn
Designed to meet IEEE802.3ab requirement
Designed to meet IR 255℃ peak requirement
Primary inductance 350uH min
RoHS Compliant
Operating temperature range:0℃to+70℃
Storage temperature range:-25℃to+125℃
Electrical Specifications @ 25℃
Part
Number
Turn
Ratio
Insertion
Loss
0.5~100M
Hz
(dB Max)
Return Loss
(dB Min)
Cross Talk
(dB Min)
CMRR
(dB Min)
CWW
(Max)
LK
(Max)
DCR
(Max)
Hi-Pot
(Vrms)
Tx
Rx
0.5-30
MHz
30.1-60
MHz
60.1-80
MHz
0.5-40
MHz
40.1-100
MHz
0.50-100
MHz
QT50A03
1:1
1:1
-1.0
-16
-14
-12
-35
-30
-30
28pF
0.5uH
1.2Ω
1500
Mechanical
Schematics
Dimension:mm
Unless otherwise specified,tolerances:±0.25(mm)
Data sheet subject to change without notice
Channel4-Port2
Channel3-Port2
Channel2-Port2
Channel1-Port2
Channel4-Port1
Channel3-Port1
Channel2-Port1
Channel1-Port1
MX8-
MX8+
MCT8
MX7-
MX7+
MCT7
MX6-
MX6+
MCT6
MX5-
MX5+
MCT5
MX4-
MX4+
MCT4
TCT8
TD8-
TD8+
TCT7
TD7-
TD7+
TCT6
TD6-
TD6+
TCT5
TD5-
TD5+
TCT4
TD4-
TD4+
MX3-
MX3+
TCT3
TD3-
TD3+
MCT3
MX2-
MX2+
TCT2
TD2-
TD2+
MCT2
MX1-
MX1+
TCT1
TD1-
49
1
2
1CT:1CT
1CT:1CT
1CT:1CT
25
26
27
28
31
30
33
32
29
34
37
36
24
23
22
21
20
19
18
17
16
15
14
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
3
4
5
6
7
8
9
10
11
12
48
45
46
43
44
47
42
39
40
41
50
35
TD1+
MCT1
1CT:1CT
0,4
1,02
0,64
0,89
YYWW
0,4
1,02
24,38
27.8±0.5
QT50A03


유사한 부품 번호 - QT50A03

제조업체부품명데이터시트상세설명
Lumins Inc.
Lumins Inc.
QT500 LUMINIS-QT500 Datasheet
1Mb / 3P
   Cast aluminum mounting plate.
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
More results

유사한 설명 - QT50A03

제조업체부품명데이터시트상세설명
Dongguan Xinkang Electronic Technology Co., Ltd.
Dongguan Xinkang Electr...
QT24A12 TNK-QT24A12 Datasheet
60Kb / 1P
   10/100/1000Base-T Single Port Transformer Module
QT24A01 TNK-QT24A01 Datasheet
105Kb / 1P
   10/100/1000Base-T Single Port Transformer Module
QT48A03 TNK-QT48A03 Datasheet
112Kb / 1P
   1000Base-T DUAL Port Transformer Module
Pulse A Technitrol Company
Pulse A Technitrol Comp...
1000B-5001T PULSE-1000B-5001T Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FX PULSE-1000B-5001FX Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FNL PULSE-1000B-5001FNL Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5009F PULSE-1000B-5009F Datasheet
1Mb / 7P
   10/100/1000BASE-T SINGLE & DUAL-PORT TRANSFORMER MODULES
1000B-5001F PULSE-1000B-5001F Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FT PULSE-1000B-5001FT Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001 PULSE-1000B-5001 Datasheet
579Kb / 6P
   10/100/1000BASE-T SINGLE & DUAL-PORT TRANSFORMER MODULES
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com