전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7510 데이터시트(PDF) 11 Page - Agilent(Hewlett-Packard)

부품명 HCPL-7510
상세설명  Isolated Linear Sensing IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7510 데이터시트(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7510 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Application Information
Power Supplies and Bypassing
The recommended supply
connections are shown in
Figure 16. A floating power
supply (which in many
applications could be the same
supply that is used to drive
the high-side power transistor)
is regulated to 5 V using a
simple zener diode (D1); the
value of resistor R4 should be
chosen to supply sufficient
current from the existing
floating supply. The voltage
from the current sensing
resistor (Rsense) is applied to
the input of the HCPL-7510
through an RC anti-aliasing
filter (R2 and C2). Although
the application circuit is
relatively simple, a few
recommendations should be
followed to ensure optimal
performance.
The power supply for the
HCPL-7510 is most often
obtained from the same supply
used to power the power
transistor gate drive circuit. If
a dedicated supply is required,
in many cases it is possible to
add an additional winding on
an existing transformer.
Otherwise, some sort of simple
isolated supply can be used,
such as a line powered
transformer or a high-
frequency DC-DC converter.
An inexpensive 78L05 three-
terminal regulator can also be
used to reduce the floating
supply voltage to 5 V. To help
attenuate high- frequency
power supply noise or ripple,
a resistor or inductor can be
used in series with the input
of the regulator to form a
low-pass filter with the
regulator’s input bypass
capacitor.
Figure 16. Recommended supply and sense resistor connections.
+
-
MOTOR
HV-
HV+
RSENSE
GATE DRIVE
CIRCUIT
VDD1
VIN+
VIN-
GND1
HCPL-7510
C1
0.1 µF
C2
0.01 µF
R2
39
R4
D1
5.1 V
+
-
1
2
3
4
R1
FLOATING
POSITIVE
SUPPLY


유사한 부품 번호 - HCPL-7510

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
More results

유사한 설명 - HCPL-7510

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com