전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS18LV20483DCR55 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 CS18LV20483DCR55
상세설명  High Speec Super Low Power SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV20483DCR55 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  CS18LV20483DCR55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV20483DCR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High Speed Super Low Power SRAM
256K-Word By 8 Bit
CS18LV20483
5
Rev. 1.0
Chiplus reserves the right to change product or specification without notice.
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Rating
Unit
VTERM
Terminal Voltage with Respect to GND
-0.5 to Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
25
mA
1.Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
OPERATING RANGE
Range
Ambient Temperature
Vcc
Commercial
0~70oC
2.7V ~ 3.6V
Industrial
-40~85oC
2.7V ~ 3.6V
1. Overshoot : Vcc +2.0V in case of pulse width ≦20ns.
2. Undershoot : - 2.0V in case of pulse width ≦20ns.
3. Overshoot and undershoot are sampled, not 100% tested.
CAPACITANCE (1) (TA = 25oC, f =1.0 MHz)
Symbol
Parameter
Conditions
MAX.
Unit
CIN
Input Capacitance
VIN=0V
6
pF
CDQ
Input/Output Capacitance
VI/O=0V
8
pF
1. This parameter is guaranteed and not tested.


유사한 부품 번호 - CS18LV20483DCR55

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

유사한 설명 - CS18LV20483DCR55

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C1008L ALSC-AS6C1008L Datasheet
1Mb / 15P
   128k x 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C4016 ETC2-AS6C4016 Datasheet
631Kb / 12P
   256K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55ZIN ALSC-AS6C8016-55ZIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com