전자부품 데이터시트 검색엔진 |
|
HLMP-EL10-X1000 데이터시트(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-EL10-X1000 데이터시트(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 12 page 2 Device Selection Guide Typical Viewing Color and Luminous Angle Dominant Lamps Without Standoffs Lamps With Standoffs Intensity Iv (mcd) [1,2] 2 θ1/2 Wavelength on Leads on Leads @ 20 mA (Deg.)[4] (nm), Typ.[3] (Outline Drawing A) (Outline Drawing B) Min. Max. HLMP-EL08-VY000 HLMP-EL10-VY000 4200 12000 HLMP-EL08-VYK00* 4200 12000 HLMP-EL08-VXK00* 4200 9300 HLMP-EL08-VX400** 4200 9300 HLMP-EL08-VX000 4200 9300 HLMP-EL08-WZ000 HLMP-EL10-WZ000 5500 16000 Amber 590 HLMP-EL08-XZ400** 7200 16000 HLMP-EL08-XZ000 7200 16000 HLMP-EL08-XZK00* 7200 16000 HLMP-EL08-XY000 7200 12000 HLMP-EL08-XYK00* 7200 12000 HLMP-EL08-X1K00* 7200 21000 HLMP-EL08-X1000 HLMP-EL10-X1000 7200 21000 6 °[5] HLMP-EJ08-WZ000 HLMP-EJ10-WZ000 5500 16000 Orange 605 HLMP-EJ08-X1000 HLMP-EJ10-X1000 7200 21000 HLMP-EJ08-Y2000 HLMP-EJ10-Y2000 9300 27000 HLMP-EH08-UX000 HLMP-EH10-UX000 3200 9300 HLMP-EH08-VY000 HLMP-EH10-VY000 4200 12000 Red-Orange 615 HLMP-EH08-WZ000 HLMP-EH10-WZ000 5500 16000 HLMP-EH08-X1000 HLMP-EH10-X1000 7200 21000 HLMP-EH08-Y2000 HLMP-EH10-Y2000 9300 21000 HLMP-EG08-VW000 4200 7200 HLMP-EG08-VY000 HLMP-EG10-VY000 4200 12000 HLMP-EG08-WZ000 HLMP-EG10-WZ000 5500 16000 Red 626 HLMP-EG08-X1000 HLMP-EG10-X1000 7200 21000 HLMP-EG08-YZ000 9300 16000 HLMP-EG08-Y1000 9300 21000 HLMP-EG08-Y2000 HLMP-EG10-Y2000 9300 27000 Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. θ 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 5. The intensity of narrow viewing angle lamps is measured at the intensity peak. Part numbers in bold are recommended for new designs. *HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only. **HLMP-xLxx-xx400 are selected to amber color bin 4 only. |
유사한 부품 번호 - HLMP-EL10-X1000 |
|
유사한 설명 - HLMP-EL10-X1000 |