전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G74 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74LVC1G74
상세설명  Single D-type flip-flop with set and reset; positive edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G74 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2005 Feb 01
8
Philips Semiconductors
Product specification
Single D-type flip-flop with set and
reset; positive edge trigger
74LVC1G74
Note
1. All typical values are measured at Tamb =25 °C.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
1.65 to 1.95
0.65
× V
CC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2.0
−−
V
4.5 to 5.5
0.7
× V
CC
−−
V
VIL
LOW-level input voltage
1.65 to 1.95
−−
0.35
× VCC V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
4.5 to 5.5
−−
0.3
× VCC
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
1.65 to 5.5
VCC − 0.1
−−
V
IO = −4 mA
1.65
0.95
−−
V
IO = −8 mA
2.3
1.7
−−
V
IO = −12 mA
2.7
1.9
−−
V
IO = −24 mA
3.0
2.0
−−
V
IO = −32 mA
4.5
3.4
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
1.65 to 5.5
−−
0.10
V
IO = 4 mA
1.65
−−
0.70
V
IO = 8 mA
2.3
−−
0.45
V
IO = 12 mA
2.7
−−
0.60
V
IO = 24 mA
3.0
−−
0.80
V
IO = 32 mA
4.5
−−
0.80
V
ILI
input leakage current
VI = 5.5 V or GND
5.5
−−±20
µA
Ioff
power OFF leakage
current
VI or VO = 5.5 V
0
−−±20
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
40
µA
∆ICC
additional quiescent
supply current per pin
VI =VCC − 0.6 V;
IO =0
2.3 to 5.5
−−
5000
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


유사한 부품 번호 - 74LVC1G74

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC1G74 NXP-74LVC1G74 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
166Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10-2 December 2011
More results

유사한 설명 - 74LVC1G74

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
logo
Nexperia B.V. All right...
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
   Single D-type flip-flop with set and reset; positive edge trigger
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
   Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com