전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-3018LU 데이터시트(PDF) 3 Page - Sanken electric

부품명 SI-3018LU
상세설명  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3018LU 데이터시트(HTML) 3 Page - Sanken electric

  SI-3018LU Datasheet HTML 1Page - Sanken electric SI-3018LU Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
qSI-3000LU Series
sBlock Diagram
sStandard External Circuit
sReference Data
CO : Output capacitor (10
µF or larger)
The SI-3000LU series can be operated on the circuit
even if a low ESR ceramic capacitor is used as the output
capacitor.
CIN : Input capacitor (0.1 to 10
µF)
This capacitor is required in the case of an inductive input
line or long wiring.
Settings for SI-3012LU output voltage (recommended voltage:
1.5 V to 15 V)
R1 and R2: Resistors for output setting
The output voltage can be set by connecting R1 and R2
as shown in the diagram on the left.
R2: 100 k
Ω is recommended
R1=(VO–VADJ)/(VADJ/R2)
• A monolithic IC is mounted.The inner frame stage is connected
to the GND pin (pin 2). Therefore, enlarging the copper lami-
nate area leading to the GND pin achieves a heat radiation
effect.
• How to calculate the junction temperature
Measure the temperature (TC) of the GND pin (pin 2) lead
section using a thermistor, etc. Substitute this value in the
following formula and calculate the junction temperature.
Tj=PD
×θj–c+Tc (θj–c=5°C/W)
SI-3012LU
SI-3018LU, SI-3025LU, SI-3033LU, SI-3050LU
REF
TSD
+
VIN
VC
VO
GND
4
3
5
2
Adj
1
REF
TSD
+
VIN
VO
GND
4
3
5
2
Adj
1
4
3
2
5
1
+
VO
VDJ
VC
VIN
CIN
CO
GND
+
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
10
100
1000
Copper Laminate Area (mm2)
Ta=25
°C
Ta=40
°C
Ta=60
°C
Ta=85
°C
Copper Laminate Area vs Power Dissipation
Tj=100
°C PWB size 40×40
SI-3018LU, SI-3025LU, SI-3033LU, SI-3050LU
SI-3012LU
4
3
2
5
1
+
VIN
VIN
VC
VO
CIN
CO
R1
R2
GND
+


유사한 부품 번호 - SI-3018LU

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI-3018LUS ETC-SI-3018LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results

유사한 설명 - SI-3018LU

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com