전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3904RLRA 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 2N3904RLRA
상세설명  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904RLRA 데이터시트(HTML) 2 Page - ON Semiconductor

  2N3904RLRA Datasheet HTML 1Page - ON Semiconductor 2N3904RLRA Datasheet HTML 2Page - ON Semiconductor 2N3904RLRA Datasheet HTML 3Page - ON Semiconductor 2N3904RLRA Datasheet HTML 4Page - ON Semiconductor 2N3904RLRA Datasheet HTML 5Page - ON Semiconductor 2N3904RLRA Datasheet HTML 6Page - ON Semiconductor 2N3904RLRA Datasheet HTML 7Page - ON Semiconductor 2N3904RLRA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (Note 2.) (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector–Base Breakdown Voltage (IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter–Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
50
nAdc
Collector Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
50
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 2.)
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 10 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 50 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 100 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
hFE
20
40
35
70
50
100
30
60
15
30
150
300
Collector–Emitter Saturation Voltage (Note 2.)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
0.2
0.3
Vdc
Base–Emitter Saturation Voltage (Note 2.)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
2N3903
2N3904
fT
250
300
MHz
Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hie
1.0
1.0
8.0
10
k
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hre
0.1
0.5
5.0
8.0
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hfe
50
100
200
400
Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
40
mmhos
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 1.0 k Ω, f = 1.0 kHz)
2N3903
2N3904
NF
6.0
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = 0.5 Vdc,
td
35
ns
Rise Time
(VCC 3.0 Vdc, VBE 0.5 Vdc,
IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
35
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc,
2N3903
IB1 = IB2 = 1.0 mAdc)
2N3904
ts
175
200
ns
Fall Time
tf
50
ns
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2%.


유사한 부품 번호 - 2N3904RLRA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N3904RLRA ONSEMI-2N3904RLRA Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3904RLRA ONSEMI-2N3904RLRA Datasheet
183Kb / 8P
   General Purpose Transistors
January, 2010 ??Rev. 7
2N3904RLRA ONSEMI-2N3904RLRA Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
2N3904RLRAG ONSEMI-2N3904RLRAG Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3904RLRAG ONSEMI-2N3904RLRAG Datasheet
183Kb / 8P
   General Purpose Transistors
January, 2010 ??Rev. 7
More results

유사한 설명 - 2N3904RLRA

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com