전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC41B143A-DS-001PE 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 BC41B143A-DS-001PE
상세설명  BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

BC41B143A-DS-001PE 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BC41B143A-DS-001PE Datasheet HTML 7Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 8Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 9Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 10Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 11Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 12Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 13Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 14Page - List of Unclassifed Manufacturers BC41B143A-DS-001PE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
6 x 6mm VFBGA Package Information
BC41B143A-ds-001Pe
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 11 of 102
Test and Debug
Ball
Pad Type
Description
RESET
C7
CMOS input with weak
internal pull-down
Reset if high. Input debounced, so must be
high for >5ms to cause a reset
RESETB
D8
CMOS input with weak
internal pull-up
Reset if low. Input debounced, so must be
low for >5ms to cause a reset
SPI_CSB
C9
CMOS input with weak
internal pull-up
Chip select for Serial Peripheral Interface,
active low
SPI_CLK
C10
CMOS input with weak
internal-pull-down
Serial Peripheral Interface clock
SPI_MOSI
C8
CMOS input with weak
internal pull-down
Serial Peripheral Interface data input
SPI_MISO
B9
CMOS output, tri-state with
weak internal pull-down
Serial Peripheral Interface data output
TEST_EN
C6
CMOS input with strong
internal pull-down
For test purposes only (leave unconnected)
PIO Port
Ball
Pad Type
Description
PIO[2]
B3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[3]
B4
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[4]
E8
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line or optionally
BT_Priority/Ch_Clk output for co-existence
signalling
PIO[5]
F8
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line or optionally
BT_Active output for co-existence signalling
PIO[6]
F10
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line or optionally
WLAN_Active/Ch_Data input for
co-existence signalling
PIO[7]
F9
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[8]
C5
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[9]
C3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[10]
C4
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[11]
E3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
AIO[0]
H4
Bi-directional
Programmable input/output line
AIO[1]
H5
Bi-directional
Programmable input/output line
AIO[2]
J5
Bi-directional
Programmable input/output line


유사한 부품 번호 - BC41B143A-DS-001PE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BC41B143A-DS-002PD ETC1-BC41B143A-DS-002PD Datasheet
800Kb / 89P
   BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
BC41B143A-DS-003PC ETC1-BC41B143A-DS-003PC Datasheet
2Mb / 94P
   BlueCore 4-ROM Plug-n-Go Single Chip Bluetooth v2.0 EDR System
More results

유사한 설명 - BC41B143A-DS-001PE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BC41B143A-DS-002PD ETC1-BC41B143A-DS-002PD Datasheet
800Kb / 89P
   BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
BC41B143A-DS-003PC ETC1-BC41B143A-DS-003PC Datasheet
2Mb / 94P
   BlueCore 4-ROM Plug-n-Go Single Chip Bluetooth v2.0 EDR System
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
Delta Electronics, Inc.
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
   Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com