전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV230M64 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 MTV230M64
상세설명  8051 Embedded Micro Controller with Flash OSD and ISP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230M64 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  MTV230M64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MTV230M64
Page 4 of 31
PIN DESCRIPTION
Name
Type #44/42
Description
RST
I
19
Active high reset.
VDD
-
18
Positive Power Supply.
VSS
-
20
Ground.
X2
O
8
Oscillator output.
X1
I
7
Oscillator input.
P1.0
I/O
25
General purpose I/O (8051 standard).
P1.1
I/O
26
General purpose I/O (8051 standard).
P1.2
I/O
27
General purpose I/O (8051 standard).
P1.3
I/O
28
General purpose I/O (8051 standard).
P1.4
I/O
29
General purpose I/O (8051 standard).
P1.5
I/O
30
General purpose I/O (8051 standard).
P1.6
I/O
31
General purpose I/O (8051 standard).
P1.7
I/O
32
General purpose I/O (8051 standard).
P3.0/Rxd/HSCL
I/O
15
General purpose I/O / Rxd / Slave IIC clock (5V open drain).
P3.1/Txd/HSDA
I/O
16
General purpose I/O / Txd / Slave IIC data (5V open drain).
P3.2/INT0
I/O
17
General purpose I/O / INT0 (8051 standard).
P3.4/T0
I/O
21
General purpose I/O / T0 (8051 standard).
P3.5/T1
I/O
22
General purpose I/O / T1 (8051 standard).
P4.7/VBLANK
I/O
5
General purpose I/O / Vertical blank output (CMOS).
P4.6/HBLANK
I/O
6
General purpose I/O / Horizontal blank output (CMOS).
P4.5/HCLAMP
I/O
9
General purpose I/O / Hclamp output (CMOS).
P4.4
I/O
10
General purpose I/O (CMOS).
P4.3
I/O
11
General purpose I/O (CMOS).
P4.2
I/O
12
General purpose I/O (CMOS).
P4.1/VSYNC
I/O
13
General purpose I/O / Vsync input (5V open drain).
P4.0/HSYNC
I/O
14
General purpose I/O / Hsync or Xsync input (5V open drain).
P5.7/DA3
I/O
40/38 General purpose I/O / PWM DAC output (5V open drain).
P5.6/DA2
I/O
39/37 General purpose I/O / PWM DAC output (5V open drain).
P5.5/DA1
I/O
38/36 General purpose I/O / PWM DAC output (5V open drain).
P5.4/DA0
I/O
37/35 General purpose I/O / PWM DAC output (5V open drain).
P5.3/AD3
I/O
36/-
General purpose I/O / ADC Input (CMOS).
P5.2/AD2
I/O
35/-
General purpose I/O / ADC Input (CMOS).
P5.1/AD1
I/O
34
General purpose I/O / ADC Input (CMOS).
P5.0/AD0
I/O
33
General purpose I/O / ADC Input (CMOS).
P6.0/ISCL
I/O
23
General purpose output / Master IIC clock (5V open drain).
P6.1/ISDA
I/O
24
General purpose output / Master IIC data (5V open drain).
INT/P6.2
O
41/39 OSD intensity output / General purpose output (CMOS).
FBKG
O
42/40 OSD fast blanking output (CMOS).
BOUT
O
43/41 OSD blue color video signal output (CMOS).
GOUT
O
44/42 OSD green color video signal output (CMOS).
ROUT
O
1
OSD red color video signal output (CMOS).
XIN
I
2
OSD pixel clock input (CMOS).
OSDHS
I
3
OSD vertical SYNC input (CMOS).
OSDVS
I
4
OSD horizontal SYNC input (CMOS).


유사한 부품 번호 - MTV230M64

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MF64 ETC1-MTV230MF64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MS64 ETC1-MTV230MS64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MV64 ETC1-MTV230MV64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
More results

유사한 설명 - MTV230M64

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
List of Unclassifed Man...
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com