전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8S0965RCB 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FS8S0965RCB
상세설명  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS8S0965RCB 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FS8S0965RCB Datasheet HTML 2Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 3Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 4Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 5Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 6Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 7Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 8Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 9Page - Fairchild Semiconductor FS8S0965RCB Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FS8S0965RCB
6
Electrical Characteristics(Continued)
Note:
1. These parameters indicate inductor current.
2. These parameters are the current flowing in the control IC.
Parameter
Symbol
Condition
Min. Typ. Max. Unit
BURST MODESECTION(DPMS MODE)
Burst Mode High Threshold Voltage
VBUH
Vfb=0V
11.6
12
12.6
V
Burst Mode Low Threshold Voltage
VBUL
Vfb=0V
10.6
11
11.6
V
Burst Mode Enable FB Voltage
VBUFB
Vcc=10.5V
0.9
1.0
1.1
V
Burst Mode Enable S_S Voltage
VBUSS
Vcc=10.5V,Vfb=0V
2.5
3.0
3.5
V
Burst Mode Enable Delay Time
TBUDT
Vcc=10.5V,Vfb=0V
-
0.5
-
ms
Burst Mode Frequency
FBU
Vcc=10.5V,Vfb=0V
32
40
48
kHz
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit(1)
IOVER
-
5.28
6.0
6.72
A
Burst Mode Peak Current Limit
IBU_PK
-
0.45
0.6
0.75
A
TOTAL DEVICE SECTION
Start Up Current
ISTART
VCC=Vstart-0.1V
-
40
80
uA
Operating Supply Current (2)
IOP
Vfb=GND, VCC=16V
-9
15
mA
IOP(MIN)
Vfb=GND, VCC=12V
IOP(MAX)
Vfb=GND, VCC=27V


유사한 부품 번호 - FS8S0965RCB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FS8S0765RCB FAIRCHILD-FS8S0765RCB Datasheet
1Mb / 20P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS8S0765RCBTU FAIRCHILD-FS8S0765RCBTU Datasheet
1Mb / 20P
   Fairchild Power Switch(FPS)
FS8S0765RCBTU FAIRCHILD-FS8S0765RCBTU Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS8S0765RCBYDTU FAIRCHILD-FS8S0765RCBYDTU Datasheet
1Mb / 20P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - FS8S0965RCB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com