전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADCDS-1410EX-C 데이터시트(PDF) 1 Page - DATEL, Inc.

부품명 ADCDS-1410EX-C
상세설명  Electronic Imaging
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DATEL [DATEL, Inc.]
홈페이지  http://www.datel.com/
Logo DATEL - DATEL, Inc.

ADCDS-1410EX-C 데이터시트(HTML) 1 Page - DATEL, Inc.

  ADCDS-1410EX-C Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number ADCDS-1410EX-C, Electronic Imaging
Specifications
Resolution
14 Bit
Number of Channels
1
Sampling Rate
10 MHz
Power Consumption
0.800 W
Differential Non-Linearity Error/Other
0.6 LSB
Signal to Noise Ratio
73 dB
Integral Non-Linearity Error/Other
2.5 LSB
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
Input Range 1st (min)
0.35 V
Input Range 1st (max)
2.8 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 2nd
-5 V
Required Supply Voltage 3rd
12 V
Package Type
TDIP
RoHS
Yes
Status
Recommended for new design
14 Bit, 10MPPS (Megapixels/Second), Imaging Signal Processor, Charge Coupled Device (CCD) Signal
Processor, 1 LSB RMS Noise, -55°C to +100°C temperature range, RoHS Compliant.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
6/2/2019 | Page 1 of 1


유사한 부품 번호 - ADCDS-1410EX-C

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
ADCDS-1410EX MURATA-PS-ADCDS-1410EX Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
logo
DATEL, Inc.
ADCDS-1410EX DATEL-ADCDS-1410EX Datasheet
100Kb / 1P
   Electronic Imaging
More results

유사한 설명 - ADCDS-1410EX-C

제조업체부품명데이터시트상세설명
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1201GE-C DATEL-ADS-CCD1201GE-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201GM DATEL-ADS-CCD1201GM Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1201ME-C DATEL-ADS-CCD1201ME-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1202GM-C DATEL-ADS-CCD1202GM-C Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1202ME-C DATEL-ADS-CCD1202ME-C Datasheet
101Kb / 1P
   Electronic Imaging
CDS-1401MC DATEL-CDS-1401MC Datasheet
100Kb / 1P
   Electronic Imaging
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com