전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MURT30060 데이터시트(HTML) 1 Page - GeneSiC Semiconductor, Inc.

부품명 MURT30060
상세내용  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GENESIC [GeneSiC Semiconductor, Inc.]
홈페이지  http://www.genesicsemi.com/
Logo 

MURT30060 데이터시트(HTML) 1 Page - GeneSiC Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 1 / 3 page
background image
VRRM = 400 V - 600 V
IF(AV) = 300 A
Features
• High Surge Capability
Three Tower Package
• Types from 400 V to 600 V V
RRM
• Isolation Type Package
• Electrically Isolated base plate
• Not ESD Sensitive
Parameter
Symbol
MURT30040(R)
Unit
Repetitive peak reverse voltage
VRRM
400
V
RMS reverse voltage
VRMS
283
V
DC blocking voltage
VDC
400
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MURT30040(R)
Unit
Average forward current (per pkg)
IF(AV)
300
A
Peak forward surge current (per leg)
IFSM
2750
A
Maximum instantaneous forward
voltage (per leg)
1.35
25
μA
2
mA
Maximum reverse recovery time (per
leg)
Trr
110
nS
Thermal characteristics
Maximum thermal resistance, junction
- case
(per leg)
RΘJC
0.40
°C/W
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
MURT30060(R)
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
TC = 125 °C
tp = 8.3 ms, half sine
2750
VF
IFM = 150 A, Tj = 25 °C
1.70
V
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
MURT30040 thru MURT30060R
Silicon Super Fast
Recovery Diode
Tj = 25 °C
Tj = 125 °C
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
MURT30060(R)
300
25
2
150
0.40
600
424
600
-55 to 150
-55 to 150
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/murt30040.pdf


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn