전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9204M 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 TC9204M
상세설명  4-Port 10/100/1000 Smart Ethernet Switch
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204M 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TC9204M Datasheet HTML 2Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 3Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 4Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 5Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TC9204M
Preliminary Data Sheet
1
Pin Listing (PQFP208)
I
⇒ digital input
Is
⇒ schmitt trigger digital input
Ipd
⇒ digital input with internal pull down
I/O
⇒ digital bi-directional
I/Opd ⇒ digital bi-directional with internal pull down
I/Opu ⇒ digital bi-directional with internal pull up
O
⇒ digital output
P
⇒ power
G
⇒ ground
No.
Pin label
Type
Description
1
NC
NA
Reserved for future use
2
NC
NA
Reserved for future use
3
NC
NA
Reserved for future use
4
NC
NA
Reserved for future use
5
Vdd 3.3
P
Digital +3.3V power supply for I/O
6
Txd67
O
GMII transmit data - bits 7
7
Txd66
O
GMII transmit data - bits 6
8
Txd65
O
GMII transmit data - bits 5
9
Vss 3.3
G
Digital ground for I/O
10
Txd64
O
GMII transmit data - bits 4
11
Txd63
O
GMII/MII transmit data - bits 3
12
Txd62
O
GMII/MII transmit data - bits 2
13
Vdd 3.3
P
Digital +3.3V power supply for I/O
Txd61
GMII/MII transmit data - bit 1
14
priclass61
I/Opd
Priority class - most significant bit.
Txd60
GMII/MII transmit data - least significant bit
15
priclass60
I/Opu
Priority class - least significant bit. Sets priority level per port basis.
PriClass[6] - '00' - port 6 low priority
PriClass[6] - '01' - port 6 has normal priority
PriClass[6] - '10' - port 6 has high priority
PriClass[6] - '11' - port 6 has very high priority
PriClass[6] is latched on reset
16
Txen6
O
GMII/MII transmit enable
17
Gtxclk6
O
GMII transmit clock
18
Vss 3.3
G
Digital ground for I/O
19
Txer6
I/Opd Transmit Error
20
Txclk6
I
MII transmit clock
21
Crs6
Is
MII carrier sense indication
22
Col6
Is
MII collision indication
23
Rxer6
Is
Receive Error
24
Vdd 2.0
P
Digital +2.0V power supply for core
25
Rxclk6
I
MII receive clock
26
Rxdv6
Is
GMII/MII data valid
27
Rxd60
Is
GMII receive data - least significant nibble.
MII receive data
28
Rxd61
Is
GMII receive data - least significant nibble.
MII receive data
Confidential.
6/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05


유사한 부품 번호 - TC9204M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
   Indoor Camera Mounts
1998
logo
Toshiba Semiconductor
TC9203 TOSHIBA-TC9203 Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
TC9203F TOSHIBA-TC9203F Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
TC9203P TOSHIBA-TC9203P Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
logo
List of Unclassifed Man...
TC9205M ETC1-TC9205M Datasheet
1Mb / 51P
   5-Port 10/100/1000 Smart Ethernet Switch
More results

유사한 설명 - TC9204M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC9205M ETC1-TC9205M Datasheet
1Mb / 51P
   5-Port 10/100/1000 Smart Ethernet Switch
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
   8-Port 10/100/1000 Smart Ethernet Switch
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
Black Box Registered Tr...
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
logo
Vitesse Semiconductor C...
VSC7376 VITESSE-VSC7376 Datasheet
422Kb / 2P
   HawX-G26??- 26-Port 10/100/1000 Managed L2 Ethernet Switch
VSC7374 VITESSE-VSC7374 Datasheet
422Kb / 2P
   HawX-G24??- 24-Port 10/100/1000 Managed L2 Ethernet Switch
VSC7372 VITESSE-VSC7372 Datasheet
421Kb / 2P
   HawX-G16??- 16-Port 10/100/1000 Managed L2 Ethernet Switch
logo
Zarlink Semiconductor I...
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com