전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9205M 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 TC9205M
상세설명  5-Port 10/100/1000 Smart Ethernet Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  TC9205M Datasheet HTML 1Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 2Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 3Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 4Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 5Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TC9205M
Preliminary Data Sheet
5-Port 10/100/1000 Smart Ethernet Switch
Features
Stand Alone Switch On A Chip
5 Ethernet 10/100/1000 ports
I Ethernet 10/100 port
MII/GMII interface for 5 ports
I extra MII interface for 6
th port
Four Classes of Service (CoS) selectable for
each port and/or checked via IP Header and
802.1Q VLAN Tag
Five port-based VLANs
Maximum
throughput,
non
head-of-line
blocking architecture
Embedded SSRAM packet buffer/address table
8K MAC address table
Each port is configurable to 10 full/half duplex,
100 full/half duplex and 1000 full duplex mode
Flow-control ability is able to set for both full
and half duplex mode
Broadcast throttling
Port Mirroring
Serial EEPROM Interface, EEPROM is optional
MDIO master for PHY configuration / polling
0.18 micron technology
2V and 3.3V dual voltage power supply
Packaged in PBGA 292
25MHz crystal input only
General Description
TC9205M is a fully integrated 5 Port 10/100/1000
smart Ethernet switch controller designed for low
cost and high performance solutions. The chip
embeds necessary SSRAM for packet buffering
and MAC address table. It provides MII / GMII /
interface for all ports.
A store-and-forward switching method using a
non-blocking architecture is implemented within
TC9205M to improve the availability and
bandwidth. The chip embeds packet buffer, which
it supports normal and priority queues for each
transmission port.
TC9205M provides evolved CoS with four levels
of priority. The priority can be checked via layer 2
(802.1Q VLAN Tagging) and/or layer 3 (IP Header
TOS bits) packets. Port based priority is also
provided to ensure transmission with precedence
for all packets incoming from selected port(s).
This
feature allows
improved support
for
multimedia applications.
The chip embeds IEEE 802.3 MAC functions for
each port and these functions support full and half
duplex modes for both 10 and 100 Mbits/s data
rates and full duplex for 1000 Mbit/s. Each port
includes dedicated receive and transmit FIFOs
with necessary logic to implement flow control for
both full and half duplex modes. TC9205M uses
IEEE 802.3x frame based flow control for full
duplex and backpressure for half duplex.
TC9205M handles an 8K address-lookup table
with searching, self-learning, and automatic aging,
at very high speed and excellent address space
coverage. Forwarding rules are implemented
according to IEEE 802.1D specifications. Filtering
capabilities for bad packets and packets with
Reserved Group Address DA are also provided.
The pin configuration interface comprises 40
configurations, which are shared with GMII output
pins by latching the configuration data during
reset. An external EEPROM device can also be
used to configure the TC9205M at power-up. With
reference to pin configuration interface, the
EEPROM
extends
the
chip’s
configuration
capability with new features and enables a
jumper-less configuration mode using a parallel
interface for reprogramming. A virtual internal
EEPROM mode is also provided to enable the
use of the programming interface in the absence
of external EEPROM. TC9205M can make
effective use by most of its features using only the
pin configuration interface.
TC9205M includes a physical layer configuration /
polling entity, which it is use to configure the phy
functions and to monitor the physical layer
transceiver’s speed, duplex mode, link status and
full duplex flow control ability for each port. The
chip provides four modes for phy configurations,
which these modes include auto-negotiation
disable procedure for 10/100 speed modes. The
phy configuration information is stored in
EEPROM setting.
The chip requires a 25 MHz system clock, dual 2V
and 3.3V power supply and is packaged in PBGA
292.
Confidential.
1/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03


유사한 부품 번호 - TC9205M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
   Indoor Camera Mounts
1998
logo
Toshiba Semiconductor
TC9203 TOSHIBA-TC9203 Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
TC9203F TOSHIBA-TC9203F Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
TC9203P TOSHIBA-TC9203P Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
logo
List of Unclassifed Man...
TC9204-DS-R04 ETC1-TC9204-DS-R04 Datasheet
1Mb / 49P
   4-Port 10/100/1000 Smart Ethernet Switch
More results

유사한 설명 - TC9205M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC9204M ETC1-TC9204M Datasheet
1Mb / 49P
   4-Port 10/100/1000 Smart Ethernet Switch
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
   8-Port 10/100/1000 Smart Ethernet Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
   5 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
   5 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
   Hardened 5 Port Ethernet Switch 10/100
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
ASIX Electronics Corpor...
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
   5-Port 10/100/1000BASE-T Ethernet Switch
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com