전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3612 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC3612
상세설명  Dual Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3612 데이터시트(HTML) 2 Page - Texas Instruments

  UC3612 Datasheet HTML 1Page - Texas Instruments UC3612 Datasheet HTML 2Page - Texas Instruments UC3612 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UC1612
UC3612
ELECTRICAL CHARACTERISTICS All specifications apply to each individual diode. TJ = 25°C except as noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Leakage Drop
IF = 100mA
0.49
0.55
V
IF = 1A
0.9
1.0
V
Leakage Current
VR = 40V
.01
0.1
mA
VR = 40V, TJ = 100°C
0.1
1.0
mA
Reverse Recovery
0.5A Forward to 0.5A Reverse
15
ns
Forward Recovery
1A Forward to 1.1V Recovery
30
ns
Junction Capacitance
VR = 5V
70
pF
Note: At forward currents of greater than 1.0A, a parasitic current of approximately 10mA may be collected by adjacent diodes.
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
Reverse Current vs Voltage
Forward Voltage vs Current
2


유사한 부품 번호 - UC3612

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3612 TI1-UC3612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
UC3612DP TI1-UC3612DP Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
UC3612J TI1-UC3612J Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
UC3612N TI1-UC3612N Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
More results

유사한 설명 - UC3612

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
   DUAL SCHOTTKY DIODE
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
   Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
   Silicon Dual Schottky Diode
logo
ON Semiconductor
NSR15DW1 ONSEMI-NSR15DW1 Datasheet
55Kb / 4P
   Dual RF Schottky Diode
May, 2006 ??Rev. 2
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
   Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
   Dual power Schottky diode
30 January 2013
NXPS20H110C PHILIPS-NXPS20H110C_15 Datasheet
565Kb / 11P
   Dual power Schottky diode
Rev. 2-24 May 2012
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
   Dual power Schottky diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com