전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD590JR 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD590JR
상세설명  Two-Twrminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD590JR 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD590JR Datasheet HTML 2Page - Analog Devices AD590JR Datasheet HTML 3Page - Analog Devices AD590JR Datasheet HTML 4Page - Analog Devices AD590JR Datasheet HTML 5Page - Analog Devices AD590JR Datasheet HTML 6Page - Analog Devices AD590JR Datasheet HTML 7Page - Analog Devices AD590JR Datasheet HTML 8Page - Analog Devices AD590JR Datasheet HTML 9Page - Analog Devices AD590JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD590
Rev. C | Page 6 of 16
PRODUCT DESCRIPTION
The AD590H has 60 µ inches of gold plating on its Kovar leads
and Kovar header. A resistance welder is used to seal the nickel
cap to the header. The AD590 chip is eutectically mounted to
the header and ultrasonically bonded to with 1 mil aluminum
wire. Kovar composition: 53% iron nominal; 29% ±1% nickel;
17% ±1% cobalt; 0.65% manganese max; 0.20% silicon max;
0.10% aluminum max; 0.10% magnesium max; 0.10%
zirconium max; 0.10% titanium max; 0.06% carbon max.
The AD590F is a ceramic package with gold plating on its Kovar
leads, Kovar lid, and chip cavity. Solder of 80/20 Au/Sn
composition is used for the 1.5 mil thick solder ring under the
lid. The chip cavity has a nickel underlay between the
metallization and the gold plating. The AD590 chip is
eutectically mounted in the chip cavity at 410°C and
ultrasonically bonded to with 1 mil aluminum wire. Note that
the chip is in direct contact with the ceramic base, not the metal
lid. When using the AD590 in die form, the chip substrate must
be kept electrically isolated (floating) for correct circuit
operation.
THE AD590 IS AVAILABLE IN LASER-TRIMMED CHIP FORM;
CONSULT THE CHIP CATALOG FOR DETAILS
V+
V–
42MILS
66MILS
Figure 3. Metalization Diagram
CIRCUIT DESCRIPTION1
The AD590 uses a fundamental property of the silicon
transistors from which it is made to realize its temperature
proportional characteristic: if two identical transistors are
operated at a constant ratio of collector current densities, r, then
the difference in their base-emitter voltage will be (kT/q)(In r).
Since both k (Boltzman’s constant) and q (the charge of an
electron) are constant, the resulting voltage is directly
proportional to absolute temperature (PTAT).
In the AD590, this PTAT voltage is converted to a PTAT current
by low temperature coefficient thin-film resistors. The total
current of the device is then forced to be a multiple of this
1 For a more detailed description, see M.P. Timko, “A Two-Terminal IC
Temperature Transducer,” IEEE J. Solid State Circuits, Vol. SC-11, p. 784-788,
Dec. 1976. Understanding the Specifications–AD590.
PTAT current. Figure 4 is the schematic diagram of the AD590.
In this figure, Q8 and Q11 are the transistors that produce the
PTAT voltage. R5 and R6 convert the voltage to current. Q10,
whose collector current tracks the collector currents in Q9 and
Q11, supplies all the bias and substrate leakage current for the
rest of the circuit, forcing the total current to be PTAT. R5 and
R6 are laser-trimmed on the wafer to calibrate the device at
25°C.
Figure 5 shows the typical V–I characteristic of the circuit at
25°C and the temperature extremes.
Q1
Q2
R2
1040
Q5
Q3
Q4
C1
26pF
Q6
Q7
Q12
R4
11k
Q8
Q10
Q9
CHIP
SUBSTRATE
Q11
1
1
8
R5
146
R6
820
R1
260
+
R3
5k
Figure 4. Schematic Diagram
01
2
+150°C
423
298
218
+25°C
–55°C
34
SUPPLY VOLTAGE (V)
56
30
Figure 5. V-1 Plot
EXPLANATION OF TEMPERATURE SENSOR
SPECIFICATIONS
The way in which the AD590 is specified makes it easy to apply
in a wide variety of applications. It is important to understand
the meaning of the various specifications and the effects of
supply voltage and thermal environment on accuracy.


유사한 부품 번호 - AD590JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590JR AD-AD590JR Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590JR AD-AD590JR Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JR AD-AD590JR Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JR AD-AD590JR Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JR AD-AD590JR Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

유사한 설명 - AD590JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com