전자부품 데이터시트 검색엔진 |
|
HCPL-J314-300 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HCPL-J314-300 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 17 page 4 Solder Reflow Temperature Profile 0 TIME (SECONDS) 200 100 50 150 100 200 250 300 0 30 SEC. 50 SEC. 30 SEC. 160°C 140°C 150°C PEAK TEMP. 245°C PEAK TEMP. 240°C PEAK TEMP. 230°C SOLDERING TIME 200°C PREHEATING TIME 150°C, 90 + 30 SEC. 2.5°C ± 0.5°C/SEC. 3°C + 1°C/–0.5°C TIGHT TYPICAL LOOSE ROOM TEMPERATURE PREHEATING RATE 3°C + 1°C/–0.5°C/SEC. REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC. Recommended Pb-Free IR Profile Regulatory Information The HCPL-J314 has been approved by the following organizations: IEC/EN/DIN EN 60747-5-2 Approved under: IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01 UL Approval under UL 1577, component recognition program up to VISO = 3750 Vrms. File E55361. CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. 217 °C RAMP-DOWN 6 °C/SEC. MAX. RAMP-UP 3 °C/SEC. MAX. 150 - 200 °C 260 +0/-5 °C t 25 °C to PEAK 60 to 150 SEC. 20-40 SEC. TIME WITHIN 5 °C of ACTUAL PEAK TEMPERATURE tp ts PREHEAT 60 to 180 SEC. tL TL Tsmax Tsmin 25 Tp TIME NOTES: THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200 °C, Tsmin = 150 °C |
유사한 부품 번호 - HCPL-J314-300 |
|
유사한 설명 - HCPL-J314-300 |