전자부품 데이터시트 검색엔진 |
|
ILC7010AIC5285X 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
ILC7010AIC5285X 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 11 page www.fairchildsemi.com REV. 1.0.5 3/21/02 Features • 1% output voltage accuracy • Low noise • Only 75µA ground current at 80mA load • Ripple rejection up to 75dB at 1kHz • Excellent line and load transient response • Guaranteed to 80mA output current • Industry standard five lead SC70 packages • Fixed 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V and custom output voltage options Applications • Cellular phones • Wireless communicators • PDAs / palmtops / organizers • Battery powered portable electronics General Description The ILC7010/7011 is an 80mA, Ultra Low Noise, Low Dropout (LDO) linear regulator, designed and processed in CMOS technology. This process combines the best CMOS features of low quiescent current, small size and low dropout voltage with the best bipolar features of high ripple rejection, ultra low noise and power handling capability. The ILC7010/ 7011 offers a quiescent current of less than 100 µA, a logic level enable (regulator EN) pin, a footprint that is half the size of the industry standard SOT-23, and a low dropout voltage of 25mV at 10mA. With better than 70 dB (1kHz) of ripple rejection, low noise of 40µV RMS and 1% output voltage accuracy, the ILC7010/7011 sets a new standard in linear regulators for communications and personal electronics applications. Block Diagram VIN CN (ILC7011 only) EN + – GND VOUT Error Amplifier Voltage Reference Thermal Shut Down Trans- conductance Amplifier ILC7010/7011 80mA SC70 Low Noise CMOS RF-LDO™ Regulator |
유사한 부품 번호 - ILC7010AIC5285X |
|
유사한 설명 - ILC7010AIC5285X |