전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC368ZL1G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 BC368ZL1G
상세설명  Amplifier Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC368ZL1G 데이터시트(HTML) 2 Page - ON Semiconductor

  BC368ZL1G Datasheet HTML 1Page - ON Semiconductor BC368ZL1G Datasheet HTML 2Page - ON Semiconductor BC368ZL1G Datasheet HTML 3Page - ON Semiconductor BC368ZL1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC368 (NPN), BC369 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
V(BR)CEO
20
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mA, IE = 0 )
V(BR)CBO
25
Vdc
Emitter − Base Breakdown Voltage
(IE = 100 mA, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 25 V, IE = 0)
(VCB = 25 V, IE = 0, TJ = 150°C)
ICBO
10
1.0
mAdc
mAdc
Emitter Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
(VCE = 1.0 V, IC = 0.5 A)
BC368, 369
BC368−25
(VCE = 1.0 V, IC = 1.0 A)
hFE
50
85
170
60
375
375
Bandwidth Product (IC = 10 mA, VCE = 5.0 V, f = 20 MHz)
fT
65
MHz
Collector−Emitter Saturation Voltage (IC = 1.0 A, IB = 100 mA)
VCE(sat)
0.5
V
Base−Emitter On Voltage (IC = 1.0 A, VCE = 1.0 V)
VBE(on)
1.0
V


유사한 부품 번호 - BC368ZL1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC368ZL1G ONSEMI-BC368ZL1G Datasheet
56Kb / 4P
   Voltage and Current are Negative
September, 2005 ??Rev. 5
More results

유사한 설명 - BC368ZL1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com