전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4271-DZZ 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS4271-DZZ
상세설명  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271-DZZ 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS4271-DZZ Datasheet HTML 5Page - Cirrus Logic CS4271-DZZ Datasheet HTML 6Page - Cirrus Logic CS4271-DZZ Datasheet HTML 7Page - Cirrus Logic CS4271-DZZ Datasheet HTML 8Page - Cirrus Logic CS4271-DZZ Datasheet HTML 9Page - Cirrus Logic CS4271-DZZ Datasheet HTML 10Page - Cirrus Logic CS4271-DZZ Datasheet HTML 11Page - Cirrus Logic CS4271-DZZ Datasheet HTML 12Page - Cirrus Logic CS4271-DZZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
CS4271
DS592F1
9
3.
CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS (AGND = 0 V; all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS (GND = 0 V, All voltages with respect to ground.) (Note 1)
Notes: 1. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Positive Analog
Positive Digital
Positive Logic
VA
VD
VL
4.75
3.1
2.37
5.0
3.3
3.3
5.25
5.25
5.25
V
V
V
Ambient Operating Temperature (Power Applied)
Commercial Grade
Automotive Grade
TA
-10
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Analog
Logic
Digital
VA
VL
VD
-0.3
-0.3
-0.3
-
-
-
+6.0
+6.0
+6.0
V
V
V
Input Current
(Note 2)
Iin
--
±10
mA
Analog Input Voltage
VIN
GND-0.3
-
VA+0.3
V
Digital Input Voltage
VIND
-0.3
-
VL+0.3
V
Ambient Operating Temperature (Power Applied)
TA
-50
-
+95
°C
Storage Temperature
Tstg
-65
-
+150
°C


유사한 부품 번호 - CS4271-DZZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZ CIRRUS-CS4270-CZZ Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZ CIRRUS-CS4270-CZZ Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZR CIRRUS-CS4270-CZZR Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

유사한 설명 - CS4271-DZZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com