전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S1117AQ 데이터시트(HTML) 2 Page - AUK corp

부품명 S1117AQ
상세내용  Adjustable and Fixed LDO Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo 

S1117AQ 데이터시트(HTML) 2 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 2 / 6 page
background image
KSI-2066-003
2
S1117AQ/S1117-xxQ
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
Input Voltage
VI
16
V
PD1 (Note1)
1.5
Power Dissipation
PD2 (Note2)
0.8
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
-55 ~ 150
°C
Note 1 : Mounted on a glass epoxy circuit board of 25.4 x 25.4mm. (at 1oz copper area)
Note 2 : No Heat sink
Device Selection Guide (NOTE3)
Device
Output Voltage
S1117AQ
Adjustable
S1117-15Q
1.5V
S1117-18Q
1.8V
S1117-25Q
2.5V
S1117-285Q
2.85V
S1117-33Q
3.3V
S1117-50Q
5.0V
Note 3 : Other fixed versions are available Vo=1.5V to 5V


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn