전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848BPDW1T1 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 BC848BPDW1T1
상세설명  Dual General Purpose Transistors(NPN/PNP Duals)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848BPDW1T1 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button BC848BPDW1T1 Datasheet HTML 2Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 3Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 4Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 5Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 6Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 7Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 8Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 9Page - ON Semiconductor BC848BPDW1T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BC846BPDW1T1, BC847BPDW1T1 Series, BC848CPDW1T1 Series
http://onsemi.com
7
TYPICAL PNP CHARACTERISTICS — BC847 SERIES & BC848 SERIES
Figure 19. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 20. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
−0.2
0.2
Figure 21. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 22. Base−Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
−0.6
−0.7
−0.8
−0.9
−1.0
−0.5
0
−0.2
−0.4
−0.1
−0.3
1.6
1.2
2.0
2.8
2.4
−1.2
−1.6
−2.0
−0.02
−1.0
−10
0
−20
−0.1
−0.4
−0.8
1.5
1.0
0.7
0.5
0.3
−0.2
−10
−100
−1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = −10 V
VCE = −10 V
TA = 25°C
−55°C to +125°C
IC = −100 mA
IC = −20 mA
−0.5 −1.0 −2.0
−5.0 −10
−20
−50 −100 −200
−0.1 −0.2
−0.5 −1.0 −2.0
−5.0
−10 −20
−50 −100
IC = −200 mA
IC = −50 mA
IC =
−10 mA
Figure 23. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 24. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
−0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
−0.5
TA = 25°C
Cob
Cib
−0.6
−1.0
−2.0
−4.0 −6.0
−10
−20 −30 −40
150
−1.0
−2.0 −3.0
−5.0
−10
−20 −30
−50
VCE = −10 V
TA = 25°C
TA = 25°C
1.0


유사한 부품 번호 - BC848BPDW1T1

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BC848BPDW AITSEMI-BC848BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
More results

유사한 설명 - BC848BPDW1T1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com