전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC87251G2D-24CED 데이터시트(PDF) 7 Page - TEMIC Semiconductors

부품명 TSC87251G2D-24CED
상세설명  8/16-bit Microcontroller with Serial Communication Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87251G2D-24CED 데이터시트(HTML) 7 Page - TEMIC Semiconductors

Back Button TSC87251G2D-24CED Datasheet HTML 3Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 4Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 5Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 6Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 7Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 8Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 9Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 10Page - TEMIC Semiconductors TSC87251G2D-24CED Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Rev. A - May 7, 1999
7
TSC80251G2D
P1.0:7
I/O
Port 1
P1 is an 8-bit bidirectional I/O port with internal pull-ups. P1 provides interrupt capability
for a keyboard interface.
P2.0:7
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
A15:8
P3.0:7
I/O
Port 3
P3 is an 8-bit bidirectional I/O port with internal pull-ups.
PROG#
I
Programming Pulse input
The programming pulse is applied to this input for programming the on-chip EPROM/
OTPROM.
PSEN#
O
Program Store Enable/Read signal output
PSEN# is asserted for a memory address range that depends on bits RD0 and RD1 in
UCONFIG0 byte (see Table 13, Page 15).
RD#
O
Read or 17th Address Bit (A16)
Read signal output to external data memory depending on the values of bits RD0 and RD1
in UCONFIG0 byte (see Table 13, Page 15).
P3.7
RST
I
Reset input to the chip
Holding this pin high for 64 oscillator periods while the oscillator is running resets the device.
The Port pins are driven to their reset conditions when a voltage greater than VIH1 is applied,
whether or not the oscillator is running.
This pin has an internal pull-down resistor which allows the device to be reset by connecting
a capacitor between this pin and VDD.
Asserting RST when the chip is in Idle mode or Power-Down mode returns the chip to normal
operation.
RXD
I/O
Receive Serial Data
RXD sends and receives data in serial I/O mode 0 and receives data in serial I/O modes 1,
2 and 3.
P3.0
SCL
I/O
I2C Serial Clock
When I2C controller is in master mode, SCL outputs the serial clock to slave peripherals.
When I2C controller is in slave mode, SCL receives clock from the master controller.
P1.6
SCK
I/O
SPI Serial Clock
When SPI is in master mode, SCK outputs clock to the slave peripheral. When SPI is in
slave mode, SCK receives clock from the master controller.
P1.6
SDA
I/O
I2C Serial Data
SDA is the bidirectional I2C data line.
P1.7
SS#
I
SPI Slave Select Input
When in Slave mode, SS# enables the slave mode.
P1.4
T1:0
I/O
Timer 1:0 External Clock Inputs
When timer 1:0 operates as a counter, a falling edge on the T1:0 pin increments the count.
T2
I/O
Timer 2 Clock Input/Output
For the timer 2 capture mode, T2 is the external clock input. For the Timer 2 clock-out mode,
T2 is the clock output.
P1.0
T2EX
I
Timer 2 External Input
In timer 2 capture mode, a falling edge initiates a capture of the timer 2 registers. In auto-
reload mode, a falling edge causes the timer 2 register to be reloaded. In the up-down counter
mode, this signal determines the count direction: 1= up, 0= down.
P1.1
TXD
O
Transmit Serial Data
TXD outputs the shift clock in serial I/O mode 0 and transmits data in serial I/O modes 1,
2 and 3.
P3.1
VDD
PWR
Digital Supply Voltage
Connect this pin to +5V or +3V supply voltage.
VPP
I
Programming Supply Voltage
The programming supply voltage is applied to this input for programming the on-chip EPROM/
OTPROM.
Signal
Name
Type
Description
Alternate
Function


유사한 부품 번호 - TSC87251G2D-24CED

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC87251G2D-24CED ATMEL-TSC87251G2D-24CED Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

유사한 설명 - TSC87251G2D-24CED

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com