전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC94A23F 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC94A23F
상세설명  Single-chip CD Processor with Built-in Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A23F 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC94A23F Datasheet HTML 5Page - Toshiba Semiconductor TC94A23F Datasheet HTML 6Page - Toshiba Semiconductor TC94A23F Datasheet HTML 7Page - Toshiba Semiconductor TC94A23F Datasheet HTML 8Page - Toshiba Semiconductor TC94A23F Datasheet HTML 9Page - Toshiba Semiconductor TC94A23F Datasheet HTML 10Page - Toshiba Semiconductor TC94A23F Datasheet HTML 11Page - Toshiba Semiconductor TC94A23F Datasheet HTML 12Page - Toshiba Semiconductor TC94A23F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TC94A23F
2002-02-06
9
Pin
Number
Symbol
Pin Name
Function and Operation
Remarks
43
DOUT
Digital output in.
44
SBSY
Sub code block sync output pin.
When sub code sync is detected, outputs
High at the S1 position.
45
SBOK
Sub code Q data CRCC result output pin.
When the result is OK, outputs High.
46, 75
VDD
47, 76
VSS
Power supply pins for CD digital block.
Normally, 5 V is applied.
When CD is not used (CD off), the power
supply can be set to off except to the
controller, enabling only the controller to
operate. At this time, 1 must be set in the
CDoff bit. If pins from 11 to 18 and 39 to 42
are set as CD control signal input/output pins,
setting the CDoff bit to 1 switches all the pins
to an output port.
48
P2VREF
2VREF pin for PLL block
¾
49
PDO
Outputs phase error signal between the EFM
and PLCK signals.
50
TMAX
TMAX detection result output pin. Selected by
command bit TMPS.
Longer than the specified cycle: Outputs
P2VREF.
Shorter than the specified cycle: Outputs Low
level (VSS).
Within the specified cycle: at high impedance
51
LPFN
Inverted input pin for low-pass filter amp.
52
LPFO
Output pin for low-pass filter amp.
53
PVREF
VREF pin for PLL block
54
VCOF
VCO filter pin
55
AVSS
CD processor control
input/output
Ground pin for analog block
¾
VDD
VDD
MVSS
P2VREF
PVREF
P2VREF
VCO
PVREF
AVDD
LPFN
LPFO
PVREF
VCOF


유사한 부품 번호 - TC94A23F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC94A29FAG TOSHIBA-TC94A29FAG Datasheet
282Kb / 20P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC94A29FB TOSHIBA-TC94A29FB Datasheet
282Kb / 20P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC94A23F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
   Single-Chip CD Processor with Built-in Controller (CD-DX)
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
   CD SINGLE-CHIP PROCESSOR
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
logo
Toshiba Semiconductor
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
   CD SINGLE-CHIP PROCESSOR
logo
Mitsubishi Electric Sem...
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com