전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBM30SM60A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FSBM30SM60A
상세설명  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM30SM60A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FSBM30SM60A Datasheet HTML 1Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 2Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 3Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 4Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 5Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 6Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 7Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 8Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
Pin Descriptions
Pin Number
Pin Name
Pin Description
1VCC(L)
Low-side Common Bias Voltage for IC and IGBTs Driving
2COM(L)
Low-side Common Supply Ground
3IN(UL)
Signal Input for Low-side U Phase
4IN(VL)
Signal Input for Low-side V Phase
5IN(WL)
Signal Input for Low-side W Phase
6COM(L)
Low-side Common Supply Ground
7VFO
Fault Output
8CFOD
Capacitor for Fault Output Duration Time Selection
9CSC
Capacitor (Low-pass Filter) for Short-Circuit Current Detection Input
10
RSC
Resistor for Short-Circuit Current Detection
11
IN(UH)
Signal Input for High-side U Phase
12
VCC(UH)
High-side Bias Voltage for U Phase IC
13
VB(U)
High-side Bias Voltage for U Phase IGBT Driving
14
VS(U)
High-side Bias Voltage Ground for U Phase IGBT Driving
15
IN(VH)
Signal Input for High-side V Phase
16
COM(H)
High-side Common Supply Ground
17
VCC(VH)
High-side Bias Voltage for V Phase IC
18
VB(V)
High-side Bias Voltage for V Phase IGBT Driving
19
VS(V)
High-side Bias Voltage Ground for V Phase IGBT Driving
20
IN(WH)
Signal Input for High-side W Phase
21
VCC(WH)
High-side Bias Voltage for W Phase IC
22
VB(W)
High-side Bias Voltage for W Phase IGBT Driving
23
VS(W)
High-side Bias Voltage Ground for W Phase IGBT Driving
24
NC
No Connection
25
NC
No Connection
26
NU
Negative DC–Link Input for U Phase
27
NV
Negative DC–Link Input for V Phase
28
NW
Negative DC–Link Input for W Phase
29
U
Output for U Phase
30
V
Output for V Phase
31
W
Output for W Phase
32
P
Positive DC–Link Input


유사한 부품 번호 - FSBM30SM60A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60A FAIRCHILD-FSBM30SH60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
More results

유사한 설명 - FSBM30SM60A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com