전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8010-H 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPC8010-H
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8010-H 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPC8010-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8010-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8010-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8010-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8010-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8010-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8010-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8010-H
2002-03-12
4
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
2
4
6
8
10
0
2
4
6
8
10
Common
source
Ta
= 25°C
Pulse test
VGS = 2 V
2.4
2.5
3
10
2.6
2.2
5
2.8
2.7
2.3
4
4
8
12
16
20
Common source
Ta
= 25°C
Pulse test
2.6
2.5
2.4
2.3
VGS = 2.1 V
2.7
10
3
0
8
12
16
20
4
0
4
2.8
5
0
0
1
2
3
4
5
10
20
30
40
100
Ta
= −55°C
Common source
VDS = 10 V
Pulse test
25
0.6
0
0.2
0.4
0.8
1
0
2
4
6
10
12
8
Common source
Ta
= 25°C
Pulse test
ID = 11 A
5.5
2.5
Common source
VDS = 10 V
Pulse test
0.1
1
10
100
0.3
1
3
10
30
100
Ta
= −55°C
100
25
Common source
Ta
= 25°C
Pulse test
30
10
3
1
0.3
0.1
1
3
10
30
100
10
VGS = 4.5 V


유사한 부품 번호 - TPC8010-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
   Switching Regulator Application DC-DC Converters
TPC8012-H TOSHIBA-TPC8012-H Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
TPC8012-H TOSHIBA-TPC8012-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8012-H VBSEMI-TPC8012-H Datasheet
1,001Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
More results

유사한 설명 - TPC8010-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com