전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC5262S-RF 데이터시트(PDF) 7 Page - Silan Microelectronics Joint-stock

부품명 SC5262S-RF
상세설명  REMOTE CONTROL ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5262S-RF 데이터시트(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC5262S-RF Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Silan
Semiconductors
SC5262
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
7
TYPICAL APPLICATION CIRCUIT
10k ×4
1N4148×4
4.7M
4.7k
5pF
25pF
10
µH
LED
MPSH10
SW0
SW1
SW2
SW3
+12V
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
SC5262
UHF Band 4 Data Transmitter Circuit is recommended.
4.7M
4.7k
5pF
25pF
10
µH
LED
MPSH10
+12V
SW
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
SC5262
UHF Band Address-only(o data) Transmitter Circuit is recommended.


유사한 부품 번호 - SC5262S-RF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SC5262 TOSHIBA-SC5262 Datasheet
99Kb / 2P
   NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results

유사한 설명 - SC5262S-RF

제조업체부품명데이터시트상세설명
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com