์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

KPA-1606QBC-G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

๋ถ€ํ’ˆ๋ช… KPA-1606QBC-G
์ƒ์„ธ๋‚ด์šฉ  1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
ํ™ˆํŽ˜์ด์ง€  http://www.to-grace.com/index.html
Logo 

KPA-1606QBC-G ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 3 / 4 page
background image
ยฉ 2018 Kingbright. All Rights Reserved. Spec No: DSAJ7992 / 1203010241 Rev No: V.6B Date: 05/22/2018
Page 3 / 4
0
10
20
30
40
50
2.0
2.4
2.8
3.2
3.6
4.0
Ta = 25 ยฐC
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
304050
Ta = 25 ยฐC
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20
406080 100
Ambient temperature (ยฐC)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 406080 100
Ambient temperature (ยฐC)
0.5
0.5
0.0
-90ยฐ
-75ยฐ
-60ยฐ
-45ยฐ
-30ยฐ
-15ยฐ
75ยฐ
60ยฐ
45ยฐ
30ยฐ
0ยฐ
15ยฐ
90ยฐ
1.0
1.0
Ta = 25 ยฐC
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 ยฐC
Blue
Wavelength (nm)
TECHNICAL DATA
RELATIVE INTENSITY vs. WAVELENGTH
BLUE
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
SPATIAL DISTRIBUTION
KPA-1606QBC-G
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
Kingbright


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn